전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7269G-J11-A-T 데이터시트(PDF) 1 Page - Unisonic Technologies

부품명 TDA7269G-J11-A-T
상세설명  14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7269G-J11-A-T 데이터시트(HTML) 1 Page - Unisonic Technologies

  TDA7269G-J11-A-T Datasheet HTML 1Page - Unisonic Technologies TDA7269G-J11-A-T Datasheet HTML 2Page - Unisonic Technologies TDA7269G-J11-A-T Datasheet HTML 3Page - Unisonic Technologies TDA7269G-J11-A-T Datasheet HTML 4Page - Unisonic Technologies TDA7269G-J11-A-T Datasheet HTML 5Page - Unisonic Technologies TDA7269G-J11-A-T Datasheet HTML 6Page - Unisonic Technologies TDA7269G-J11-A-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TDA7269
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R107-053.D
14W+14W STEREO AMPLIFIER
WITH MUTE & STAND-BY
DESCRIPTION
The UTC TDA7269 is a stereo 14+14W class AB Dual Audio
Power amplifier with mute and ST-BY control. This IC provides high
output power of 14 watts per channel (at VCC=±16V, f =1KHz, THD
= 10%, RL = 8 Ω). It has low IQ at stand-by mode and no POP at turn
ON or OFF.
FEATURES
* High output power: POUT =14 W/channel (Typ.)
VCC= ±16V, RL = 8Ω, f =1KHz, THD = 10%
* Operation supply voltage range (Ta = 25°C)
VCC(OPR) = ±5~±20V (RL = 8 Ω)
VCC(OPR) = ±5~±15V (RL = 4 Ω)
* Split supply
* Built in overload protection circuit.
* Built in thermal shut down protector circuit.
* Built in audio muting circuit (POP free)
* Built in standby circuit.
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
TDA7269L-J11-A-T
TDA7269G-J11-A-T
HZIP-11A
Tube


유사한 부품 번호 - TDA7269G-J11-A-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TDA7269G-J11-A-T UTC-TDA7269G-J11-A-T Datasheet
244Kb / 7P
   14W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7269G-J11-A-T UTC-TDA7269G-J11-A-T Datasheet
224Kb / 8P
   14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
More results

유사한 설명 - TDA7269G-J11-A-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
PA9069A UTC-PA9069A Datasheet
208Kb / 6P
   14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
PA9069A UTC-PA9069A_09 Datasheet
234Kb / 8P
   14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7269 UTC-TDA7269_17 Datasheet
224Kb / 8P
   14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7269 UTC-TDA7269_15 Datasheet
244Kb / 7P
   14W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
STMicroelectronics
TDA7269A STMICROELECTRONICS-TDA7269A_03 Datasheet
157Kb / 9P
   14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
TDA7269ASA STMICROELECTRONICS-TDA7269ASA Datasheet
205Kb / 11P
   14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
TDA7269A STMICROELECTRONICS-TDA7269A Datasheet
54Kb / 7P
   1414W STEREO AMPLIFIER WITH MUTE & ST-BY
logo
National Semiconductor ...
LM4730 NSC-LM4730 Datasheet
643Kb / 17P
   Stereo 14W Audio Power Amplifier with Mute and Standby Modes
logo
Unisonic Technologies
TDA7265 UTC-TDA7265_15 Datasheet
294Kb / 9P
   25W STEREO AMPLIFIER WITH MUTE STAND-BY
TDA7265 UTC-TDA7265 Datasheet
244Kb / 8P
   25W25W STEREO AMPLIFIER WITH MUTE & STAND-BY
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com