전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSL075-WA88 데이터시트(PDF) 6 Page - Lumileds Lighting Company

부품명 SSL075-WA88
상세설명  SnapLED 75 and SnapLED 150
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMILEDS [Lumileds Lighting Company]
홈페이지  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

SSL075-WA88 데이터시트(HTML) 6 Page - Lumileds Lighting Company

Back Button SSL075-WA88 Datasheet HTML 2Page - Lumileds Lighting Company SSL075-WA88 Datasheet HTML 3Page - Lumileds Lighting Company SSL075-WA88 Datasheet HTML 4Page - Lumileds Lighting Company SSL075-WA88 Datasheet HTML 5Page - Lumileds Lighting Company SSL075-WA88 Datasheet HTML 6Page - Lumileds Lighting Company SSL075-WA88 Datasheet HTML 7Page - Lumileds Lighting Company SSL075-WA88 Datasheet HTML 8Page - Lumileds Lighting Company SSL075-WA88 Datasheet HTML 9Page - Lumileds Lighting Company SSL075-WA88 Datasheet HTML 10Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SnapLED 75/150 Datasheet DS12 20121212
6
Optical Characteristics,T
j=25°C
[5]
Table 5.
Ratio of Luminous
Intensity to
Dominant
Peak Wavelength
Viewing
total Flux
Wavelength (nm) [2]
l
peak
Total included Angle
Angle 2u1/2
Part
I
v(Cd/Fv (lm)
[1]
l
d
(nm) [2]
u0.90 V (Degrees) [3]
(Degrees) [4]
Number
Typ.
Typ.
Typ.
peak (nm) Typ.
Typ.
SSL075-NO88
2.0
617
626
70
45
SSL075-WO88
0.6
617
626
120
85
SSL075-NA88
2.0
590
592
70
45
SSL075-WA88
0.6
590
592
120
85
SSL150-NO88
2.0
617
628
70
45
SSL150-WO88
0.6
617
628
120
85
SSL150-NA88
2.0
592
593
70
45
SSL150-WA88
0.6
592
593
120
85
Notes for Table 5:
1. Intensity/Flux at HV axis
2. Dominant wavelength is derived from the CIE 1931 Chromaticity diagram and represents the perceived color. Philips Lumileds maintains a
tolerance of ± 0.5 nm for dominant wavelength measurements.
3. u0.90 V is the included angle at which 90% of the total luminous flux is captured.
4. 2u
1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
Electrical Characteristics,T
j = 25ºC
Table 6.
Parameter
Symbol
SSL150 Rating
SSL075 Rating
Units
Forward Voltage V
F (V)
V
F
2.8
2.8
V (Typ)
Reverse Voltage (I
R = 100 µA)
V
R
10
10
V
Capacitance V
F=0, f=1MHz
C
50
25
pF(Typ)
Thermal Resistance
Ru
J-PIN
60
75
ºC/W
Speed of Response Time
ts
20
20
ns
Constant, e-t/t s
Optical & Electrical Characteristics


유사한 부품 번호 - SSL075-WA88

제조업체부품명데이터시트상세설명
logo
Superworld Electronics
SSL0705M SUPERWORLD-SSL0705M Datasheet
249Kb / 6P
   HIGH CURRENT POWER INDUCTORS
SSL0705M-72NMF-R32 SUPERWORLD-SSL0705M-72NMF-R32 Datasheet
249Kb / 6P
   HIGH CURRENT POWER INDUCTORS
SSL0705M-72NMF-R46 SUPERWORLD-SSL0705M-72NMF-R46 Datasheet
249Kb / 6P
   HIGH CURRENT POWER INDUCTORS
SSL0705M-R10MF-R32 SUPERWORLD-SSL0705M-R10MF-R32 Datasheet
249Kb / 6P
   HIGH CURRENT POWER INDUCTORS
SSL0705M-R10MF-R46 SUPERWORLD-SSL0705M-R10MF-R46 Datasheet
249Kb / 6P
   HIGH CURRENT POWER INDUCTORS
More results

유사한 설명 - SSL075-WA88

제조업체부품명데이터시트상세설명
logo
Lumileds Lighting Compa...
DS08 LUMILEDS-DS08 Datasheet
303Kb / 8P
   SnapLED 150
RD03 LUMILEDS-RD03 Datasheet
48Kb / 4P
   SnapLED 150 Emitter
logo
Kingbright Corporation
WP7700C4ZGC KINGBRIGHT-WP7700C4ZGC Datasheet
416Kb / 5P
   SnapLED
WP7701C4VGC-Z KINGBRIGHT-WP7701C4VGC-Z Datasheet
461Kb / 5P
   SnapLED
WP7700C4SEC-J KINGBRIGHT-WP7700C4SEC-J Datasheet
141Kb / 5P
   SnapLED
WP7700C4VGC-Z KINGBRIGHT-WP7700C4VGC-Z Datasheet
417Kb / 5P
   SnapLED
WP7701C4PBC-Z KINGBRIGHT-WP7701C4PBC-Z Datasheet
423Kb / 5P
   SnapLED
WP7700C4PBC-Z KINGBRIGHT-WP7700C4PBC-Z Datasheet
364Kb / 5P
   SnapLED
WP7701C4SURC-G KINGBRIGHT-WP7701C4SURC-G Datasheet
465Kb / 5P
   SnapLED
WP7701C4SYC-J KINGBRIGHT-WP7701C4SYC-J Datasheet
458Kb / 5P
   SnapLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com