전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3N258 데이터시트(PDF) 1 Page - Digitron Semiconductors

부품명 3N258
상세설명  SINGLE PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIGITRON [Digitron Semiconductors]
홈페이지  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

3N258 데이터시트(HTML) 1 Page - Digitron Semiconductors

  3N258 Datasheet HTML 1Page - Digitron Semiconductors 3N258 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
3N253-3N259
SINGLE PHASE BRIDGE RECTIFIER
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS (@ 25°C ambient temperature unless otherwise noted)
Rating
Symbol
3N253
3N254
3N255
3N256
3N257
3N258
3N259
Units
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum average forward output rectified
current at TA = 55°C
IF(AV)
2.0
Amps
Peak forward surge current single half-sine
wave superimposed on rated load TJ=
150°C
IFSM
60.0
Amps
Rating for fusing (t < 8.3ms)
I2t
15.0
A2s
Typical thermal resistance per leg (1)
R
ӨJA
R
ӨJL
30.0
11.0
°C/W
Operating and storage temperature range
TJ, Tstg
-55 to +165
°C
Note 1: Thermal resistance from junction to ambient and from junction to lead mounted on PCB with 0.47 x 0.47” copper pads.
ELECTRICAL CHARACTERISTICS (@ 25°C ambient temperature unless otherwise noted)
Characteristic
Symbol
3N253
3N254
3N255
3N256
3N257
3N258
3N259
Units
Maximum instantaneous forward voltage
drop per leg at 3.14A
VF
1.1
Volts
Maximum DC reverse current at rated DC
blocking voltage per leg
TA = 25°C
TA = 125°C
IR
5
500
µA
Typical junction capacitance
CJ
25
pF
Note 2: Measured at 1.0MHz and applied reverse voltage of 4.0V.
MECHANICAL CHARACTERISTICS
Case
Digi M
Marking
Body painted, alpha-numeric
Pin out
See below
Digi M
Inches
Millimeters
Min
Max
Min
Max
A
0.580
0.620
14.732
15.748
B
0.360
0.400
9.144
10.160
C
0.185
0.195
4.699
4.953
D
0.025
0.035
0.635
0.889
F
0.080
0.090
2.032
2.286
G
0.040
0.055
1.016
1.397
H
0.390
0.430
9.906
10.922
J
0.145
0.160
3.683
4.064
K
0.080
0.090
2.032
2.286
L
0.090
0.110
2.286
2.794
M
0.025
0.035
0.635
0.889
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20130128


유사한 부품 번호 - 3N258

제조업체부품명데이터시트상세설명
logo
General Semiconductor
3N258 GE-3N258 Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
3N258 VISHAY-3N258 Datasheet
102Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
15-Apr-08
logo
New Jersey Semi-Conduct...
3N258 NJSEMI-3N258 Datasheet
121Kb / 1P
   MINIATURE GLASS PASSIVATED SINGLE PHASE SILICON BRIDGE RECTIFIER
3N258 NJSEMI-3N258 Datasheet
89Kb / 1P
   MINIATURE INTEGRAL DIODE ASSEMBLIES
logo
Vishay Siliconix
3N258-E4 VISHAY-3N258-E4 Datasheet
84Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 05-Aug-15
More results

유사한 설명 - 3N258

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC8005 PFS-KBPC8005 Datasheet
227Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC2505N PFS-KBPC2505N Datasheet
271Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com