전자부품 데이터시트 검색엔진 |
|
CA-180 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers |
|
CA-180 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 3 page 1/2” Disc Thermostats - Automatic Reset CA/OA (602S) Series, Gold Contacts (602K) www.selcoproducts.com 5 (714) 917-1333 (800) 257-3526 FAX (714) 917-1355 E-mail: sales@selcoproducts.com This line of highly reliable switches utilize a temperature sensitive disc, electrically isolated from the switch. Contacts will open or close on rise when surface or ambient temperature increase to the snap point of the calibrated bimetal disc. The entire switch is enclosed in a phenolic dust-free housing. The bimetal disc is retained by a metal heat-conducting end cap. The CA and OA Series thermostats are used in a variety of applications. They are produced in an ISO 9000 certified factory to insure safe and reliable operation. All models are 100% factory inspected for temperature, continuity and function. Value Added options available including over-mold and seal. For details regarding Value Added options, see page 51. It is the customer ’s sole responsibility to specify and determine the suitability of a particular control or component based on their unique individual applications and requirements SPECIFICATIONS Electrical ratings - Type S 125VAC, 15 Amps, Resistive, 100,000 Cycles 250VAC, 10 Amps, Resistive, 100,000 Cycles Inductive load ratings 120VAC, 5.8FLA, 34.8LRA, 6,000 Cycles 240VAC, 2.9FLA, 17.4LRA, 6,000 Cycles Electrical ratings - Type K 30VDC, 1 Amp, Resistive, 100,000 Cycles 120VAC, 125VA (pilot duty), 1 Amp Temperature range 50ºF to 302ºF (10ºC to 150ºC) UL approved models Non-UL approved models 302ºF to 320ºF (575ºC to 608ºC) Differential 15ºF to 100ºF (8ºC to 56ºC) Environmental temperature 32ºF to 350ºF (0ºC to 177ºC) Insulation resistance 100M S or more (with a 500VDC megger) Circuit resistance 50m S or less (initial value) Dielectric strength 1,500VAC/1 minute Approvals UL Recognized File No. E145478(S), XAPX2 CSA File No. LR63201 VDE File No. 69046 Demko File No. DK-451, CE RoHS Compliant Models available from stock - subject to availability CA - Close On-Rise (normally open) OA - Open On-Rise (normally closed) Close/Open On-Rise Model Number Open ºF Close ºF Mounting Terminals Orientation from Mounting Holes Close Close Close Close Close Close Close Close Close Close Close Close Close Close Close Close Close Close Close Close Close Close Close Close Close Close Close Close Close CA-50 CA-60 CA-60-QCV CA-85 CA-85-PCB CA-85-QC CA-100 CA-104-ST-18 CA-107-QCV CA-110 CA-110-PCB CA-110-QC45 CA-115-QC CA-120 CA-120-QC CA-120-QCH CA-120-QCV CA-130-QC CA-130-QCH CA-130-ST CA-130-WOB CA-140 CA-140-QC CA-140-QC18 CA-150 CA-160 CA-160-QC CA-160-QC15 CA-170 32 ± 10 40 ± 9 40 ± 10 67 ± 9 55 ± 10 67 ± 10 70 ± 10 86 ± 10 90 ± 10 80 ± 10 80 ± 10 80 ± 10 100 ± 10 90 ± 10 90 ± 10 90 ± 10 90 ± 7 110 ± 10 100 ± 10 112 ± 10 100 ± 10 110 ± 10 110 ± 10 122 ± 10 120 ± 10 130 ± 10 130 ± 10 145 ± 7 140 ± 10 50 ± 7 60 ± 7 60 ± 7 85 ± 7 85 ± 7 85 ± 7 100 ± 7 104 ± 8 107 ± 7 110 ± 7 110 ± 7 110 ± 7 115 ± 7 120 ± 7 120 ±7 120 ± 7 120 ± 10 130 ± 7 130 ± 7 130 ± 7 130 ± 7 140 ± 7 140 ± 7 140 ± 7 150 ± 7 160 ± 7 160 ± 7 160 ± 10 170 ± 7 surface surface surface surface air surface surface 6-32 stud surface surface air surface rotating bracket surface surface surface surface surface surface 8-32 stud no bracket surface surface rotating surface surface surface surface surface solder tabs solder tabs .250 quick connects, vertical solder tabs printed circuit board .187 quick connects, horizontal solder tabs .250 quick connects, vertical .187 quick connects, vertical solder tabs printed circuit board .187 quick connects, horizontal .250 quick connects, horizontal solder tabs .250 quick connects, horizontal .187 quick connects, horizontal .250 quick connects, vertical .250 quick connects, vertical .250 quick connects, horizontal .250 quick connects, vertical solder tabs solder tabs .250 quick connects, vertical .250 quick connects, vertical solder tabs solder tabs .250 quick connects, horizontal .250 quick connects, horizontal solder tabs 45º 45º 90º 45º 45º 45º 90º 45º 45º 45º 90º 45º 90º 45º 90º 45º 45º 90º 45º 45º 90º 90º 45º |
유사한 부품 번호 - CA-180 |
|
유사한 설명 - CA-180 |