전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2902KAVQPWRG4 데이터시트(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
부품명 LM2902KAVQPWRG4
상세설명  Quadruple Operational Amplifiers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2902KAVQPWRG4 데이터시트(HTML) 1 Page - National Semiconductor (TI)

  LM2902KAVQPWRG4 Datasheet HTML 1Page - National Semiconductor (TI) LM2902KAVQPWRG4 Datasheet HTML 2Page - National Semiconductor (TI) LM2902KAVQPWRG4 Datasheet HTML 3Page - National Semiconductor (TI) LM2902KAVQPWRG4 Datasheet HTML 4Page - National Semiconductor (TI) LM2902KAVQPWRG4 Datasheet HTML 5Page - National Semiconductor (TI) LM2902KAVQPWRG4 Datasheet HTML 6Page - National Semiconductor (TI) LM2902KAVQPWRG4 Datasheet HTML 7Page - National Semiconductor (TI) LM2902KAVQPWRG4 Datasheet HTML 8Page - National Semiconductor (TI) LM2902KAVQPWRG4 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN−
1IN+
VCC
2IN+
2IN−
2OUT
4OUT
4IN−
4IN+
GND
3IN+
3IN−
3OUT
LM124 . . . D, J, OR W PACKAGE
LM124A . . . J OR W PACKAGE
LM224, LM224A, LM224K, LM224KA . . . D OR N PACKAGE
LM324, LM324K . . . D, N, NS, OR PW PACKAGE
LM324A . . . D, DB, N, NS, OR PW PACKAGE
LM324KA . . . D, N, NS, OR PW PACKAGE
LM2902 . . . D, N, NS, OR PW PACKAGE
LM2902K . . . D, DB, N, NS, OR PW PACKAGE
LM2902KV, LM2902KAV . . . D OR PW PACKAGE
(TOP VIEW)
LM124, LM124A, LM224, LM224A, LM324, LM324A, LM2902, LM2902V
LM224K, LM224KA, LM324K, LM324KA, LM2902K, LM2902KV, LM2902KAV
www.ti.com
SLOS066V – SEPTEMBER 1975 – REVISED JANUARY 2014
Quadruple Operational Amplifiers
Check for
Samples: LM124, LM124A, LM224, LM224A, LM324, LM324A, LM2902, LM2902V, LM224K, LM224KA, LM324K, LM324KA, LM2902K,
LM2902KV, LM2902KAV
1
FEATURES
DESCRIPTION
These devices consist of four independent high-gain
2-kV ESD Protection for:
frequency-compensated operational amplifiers that
LM224K, LM224KA
are designed specifically to operate from a single
LM324K, LM324KA
supply over a wide range of voltages. Operation from
split supplies also is possible if the difference
LM2902K, LM2902KV, LM2902KAV
between the two supplies is 3 V to 32 V (3 V to 26 V
Wide Supply Ranges
for the LM2902 device), and VCC is at least 1.5 V
Single Supply: 3 V to 32 V (26 V for
more positive than the input common-mode voltage.
LM2902)
The low supply-current drain is independent of the
magnitude of the supply voltage.
Dual Supplies: ±1.5 V to ±16 V (±13 V for
LM2902)
Applications
include
transducer
amplifiers,
dc
amplification
blocks,
and
all
the
conventional
Low Supply-Current Drain Independent of
operational-amplifier circuits that now can be more
Supply Voltage: 0.8 mA Typ
easily implemented in single-supply-voltage systems.
Common-Mode Input Voltage Range Includes
For example, the LM124 device can be operated
Ground, Allowing Direct Sensing Near Ground
directly from the standard 5-V supply that is used in
Low Input Bias and Offset Parameters
digital systems and provides the required interface
electronics,
without
requiring
additional
±15-V
Input Offset Voltage: 3 mV Typ
supplies.
MM A Versions: 2 mV Typ
Input Offset Current: 2 nA Typ
Input Bias Curren: 20 nA Typ
MMA Versions: 15 nA Typ
Differential Input Voltage Range Equal to
Maximum-Rated Supply Voltage:
32 V (26 V for LM2902)
Open-Loop Differential Voltage Amplification:
100 V/mV Typ
Internal Frequency Compensation
On Products Compliant to MIL-PRF-38535,
All Parameters Are Tested Unless Otherwise
Noted. On All Other Products, Production
Processing Does Not Necessarily Include
Testing of All Parameters.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1975–2014, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - LM2902KAVQPWRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2902KAVQPWRG4 TI-LM2902KAVQPWRG4 Datasheet
759Kb / 29P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM2902KAVQPWRG4 TI1-LM2902KAVQPWRG4 Datasheet
1Mb / 40P
[Old version datasheet]   Quadruple Operational Amplifiers
REVISED MARCH 2015
LM2902KAVQPWRG4 TI1-LM2902KAVQPWRG4 Datasheet
1Mb / 40P
[Old version datasheet]   Quadruple Operational Amplifiers
REVISED MARCH 2015
LM2902KAVQPWRG4 TI-LM2902KAVQPWRG4 Datasheet
1Mb / 47P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED MAY 2022
LM2902KAVQPWRG4 TI-LM2902KAVQPWRG4 Datasheet
2Mb / 53P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED OCTOBER 2022
More results

유사한 설명 - LM2902KAVQPWRG4

제조업체부품명데이터시트상세설명
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
   Quadruple Operational Amplifiers
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324NE3 TI1-LM324NE3 Datasheet
1Mb / 35P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
logo
Shenzhen Luguang Electr...
LM324 LUGUANG-LM324 Datasheet
484Kb / 4P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI-LM148_06 Datasheet
399Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Panasonic Semiconductor
AN1324 PANASONIC-AN1324 Datasheet
34Kb / 3P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI1-LM148_16 Datasheet
766Kb / 15P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LM224 UTC-LM224_15 Datasheet
208Kb / 4P
   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
ARTSCHIP ELECTRONICS CO...
LM124 ARTSCHIP-LM124 Datasheet
244Kb / 7P
   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED FEBRUARY 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com