전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM324AMNOPB 데이터시트(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM324AMNOPB
상세설명  LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM324AMNOPB 데이터시트(HTML) 11 Page - National Semiconductor (TI)

Back Button LM324AMNOPB Datasheet HTML 7Page - National Semiconductor (TI) LM324AMNOPB Datasheet HTML 8Page - National Semiconductor (TI) LM324AMNOPB Datasheet HTML 9Page - National Semiconductor (TI) LM324AMNOPB Datasheet HTML 10Page - National Semiconductor (TI) LM324AMNOPB Datasheet HTML 11Page - National Semiconductor (TI) LM324AMNOPB Datasheet HTML 12Page - National Semiconductor (TI) LM324AMNOPB Datasheet HTML 13Page - National Semiconductor (TI) LM324AMNOPB Datasheet HTML 14Page - National Semiconductor (TI) LM324AMNOPB Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
LM124-N, LM224-N, LM2902-N, LM324-N
www.ti.com
SNOSC16B – MAY 2004 – REVISED SEPTEMBER 2004
Typical Single-Supply Applications
(V
+ = 5.0 V
DC)
*R not needed due to temperature independent IIN
Figure 17. Non-Inverting DC Gain (0V Input = 0V Output)
Where: V0 = V1 + V2 − V3 − V4
(V1 + V2) ≥ (V3 + V4) to keep VO > 0 VDC
Figure 18. DC Summing Amplifier
(VIN'S ≥ 0 VDC and VO ≥ VDC)
V0 = 0 VDC for VIN = 0 VDC
AV = 10
Figure 19. Power Amplifier
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM124-N LM224-N LM2902-N LM324-N


유사한 부품 번호 - LM324AMNOPB

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
LM324AM FAIRCHILD-LM324AM Datasheet
139Kb / 12P
   Quad Operational Amplifier
2002 Rev. 1.0.4
logo
National Semiconductor ...
LM324AM NSC-LM324AM Datasheet
469Kb / 20P
   Low Power Quad Operational Amplifiers
August 2000
logo
Texas Instruments
LM324AM TI1-LM324AM Datasheet
1Mb / 31P
[Old version datasheet]   LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
REVISED SEPTEMBER 2004
LM324AM TI-LM324AM Datasheet
1Mb / 31P
[Old version datasheet]   LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
REVISED SEPTEMBER 2004
LM324AM TI1-LM324AM Datasheet
2Mb / 34P
[Old version datasheet]   Low-Power, Quad-Operational Amplifiers
REVISED JANUARY 2015
More results

유사한 설명 - LM324AMNOPB

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM124-N TI1-LM124-N_13 Datasheet
1Mb / 31P
[Old version datasheet]   LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
REVISED SEPTEMBER 2004
MLM324P TI-MLM324P Datasheet
1Mb / 31P
[Old version datasheet]   LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
REVISED SEPTEMBER 2004
LM124-N TI1-LM124-N Datasheet
564Kb / 22P
[Old version datasheet]   LM124/LM224/LM324/LM2902 Low Power Quad Operational Amplifiers
LM318N TI-LM318N Datasheet
1Mb / 25P
[Old version datasheet]   LM118-N/lm218-N/LM318-N Operational Amplifiers
LMV932-N-Q1 TI-LMV932-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV931-N-Q1 TI-LMV931-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV934-N-Q1 TI-LMV934-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV932MM_NOPB TI1-LMV932MM_NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV931-N TI-LMV931-N Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LM108AQML TI-LM108AQML_15 Datasheet
659Kb / 21P
[Old version datasheet]   LM108-N/LM108AQML Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com