전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFR25H0001001FR500 데이터시트(PDF) 9 Page - Vishay Siliconix

부품명 SFR25H0001001FR500
상세설명  Standard Metal Film Leaded Resistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFR25H0001001FR500 데이터시트(HTML) 9 Page - Vishay Siliconix

Back Button SFR25H0001001FR500 Datasheet HTML 3Page - Vishay Siliconix SFR25H0001001FR500 Datasheet HTML 4Page - Vishay Siliconix SFR25H0001001FR500 Datasheet HTML 5Page - Vishay Siliconix SFR25H0001001FR500 Datasheet HTML 6Page - Vishay Siliconix SFR25H0001001FR500 Datasheet HTML 7Page - Vishay Siliconix SFR25H0001001FR500 Datasheet HTML 8Page - Vishay Siliconix SFR25H0001001FR500 Datasheet HTML 9Page - Vishay Siliconix SFR25H0001001FR500 Datasheet HTML 10Page - Vishay Siliconix SFR25H0001001FR500 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.vishay.com
For technical questions, contact: filmresistorsleaded@vishay.com
Document Number: 28722
42
Revision: 06-Aug-10
SFR16S/25/25H
Vishay BCcomponents Standard Metal Film Leaded Resistors
HISTORICAL 12NC INFORMATION
• The resistors had a 12-digit numeric code starting with 23.
• The subsequent 6 digits for 1 % or 7 digits for 5 % indicated
the resistor type and packaging.
• The remaining digits indicated the resistance value:
- The first 3 digits for 1 % or 2 digits for 5 % indicated the
resistance value.
- The last digit indicated the resistance decade.
Resistance Decade for ± 5 % Tolerance
Resistance Decade for ± 1 % Tolerance
12NC Example
The 12NC of a SFR25 resistor, value 5600
Ω ± 5 %, taped on
a bandolier of 5000 units in ammopack was:
2322 181 43562.
4.25.1
Endurance
(at 70 °C)
1000 h;
loaded with
P70 or Umax.;
1.5 h ON and 0.5 h OFF
ΔR max.: ± (2 % R + 0.05 Ω)
4.8
Temperature
coefficient
Between
- 55
°C and + 155 °C
R
< 4.7 Ω≤ ± 250 ppm/K ≤ ± 100 ppm/K ≤ ± 100 ppm/K
R
≤ 100 kΩ≤ ± 100 ppm/K ≤ ± 100 ppm/K ≤ ± 100 ppm/K
R
≤ 1MΩ≤ ± 250 ppm/K ≤ ± 100 ppm/K ≤ ± 100 ppm/K
R
> 1MΩ≤ ± 250 ppm/K ≤ ± 250 ppm/K ≤ ± 250 ppm/K
4.7
Voltage proof on
insulation
URMS = 400 V (SFR16S) or
URMS = 600 V (SFR25 and
SFR25H); during 1 min;
V-block method
No breakdown
4.12
Noise
IEC 60195
R
< 68 kΩ
max. 0.1 µV/V
max. 0.1 µV/V
max. 0.1 µV/V
R
≤ 100 kΩ
max. 0.5 µV/V
max. 0.1 µV/V
max. 0.1 µV/V
R
≤ 1MΩ
max. 1.5 µV/V
max. 0.1 µV/V
max. 0.1 µV/V
R
> 1MΩ
max. 1.5 µV/V
max. 1.5 µV/V
max. 1.5 µV/V
4.6.1.1
Insulation
resistance
Umax. DC = 500 V
during 1 min;
V-block method
Rins min.: 1000 M
Ω
4.13
Short time
overload
Room temperature;
P = 6.25 x Pn
(SFR25, SFR25H) or
6.25 x 0.25 W (SFR16S);
(voltage not more than
2 x limiting voltage); 10 cycles;
5 s ON and 45 s OFF
ΔR max.:
±
(0.25 % R + 0.05 Ω)
ΔR max.:
± (1 %
R
+0.05
Ω)
TEST PROCEDURES AND REQUIREMENTS
IEC
60115-1
CLAUSE
IEC
60068-2-
TEST
METHOD
TEST
PROCEDURE
RESISTANCE
RANGE
REQUIREMENTS
SFR16S
SFR25
SFR25H
RESISTANCE DECADE
LAST DIGIT
0.10
Ω to 0.91 Ω
7
1
Ω to 9.1 Ω
8
10
Ω o91 Ω
9
100
Ω to 910 Ω
1
1 k
Ω to 9.1 kΩ
2
10 k
Ω to 91 kΩ
3
100 k
Ω to 910 kΩ
4
1 M
Ω to 9.1 MΩ
5
= 10 M
Ω
6
RESISTANCE DECADE
LAST DIGIT
1
Ω to 9.76 Ω
8
10
Ω to 97.6 Ω
9
100
Ω to 976 Ω
1
1k
Ω to 9.76 kΩ
2
10 k
Ω to 97.6 kΩ
3
100 k
Ω to 976 kΩ
4
1M
Ω to 9.76 MΩ
5
= 10 M
Ω
6


유사한 부품 번호 - SFR25H0001001FR500

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SFR25H ETC1-SFR25H Datasheet
349Kb / 15P
   Standard metal film resistors
SFR25H ETC-SFR25H Datasheet
693Kb / 12P
   Standard metal film resistors
logo
Vishay Siliconix
SFR25H VISHAY-SFR25H Datasheet
484Kb / 9P
   Standard Metal Film Resistors
Revision: 08-Dec-05
More results

유사한 설명 - SFR25H0001001FR500

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SFR16S VISHAY-SFR16S_15 Datasheet
123Kb / 10P
   Standard Metal Film Leaded Resistors
Revision: 28-Oct-15
PR01000104708JR500 VISHAY-PR01000104708JR500 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
PR01 VISHAY-PR01_15 Datasheet
193Kb / 20P
   Power Metal Film Leaded Resistors
Revision: 10-Sep-15
MBASMA0204 VISHAY-MBASMA0204 Datasheet
184Kb / 15P
   Professional Metal Film Leaded Resistors
01-Jan-2022
PR01 VISHAY-PR01_V01 Datasheet
220Kb / 20P
   Power Metal Film Leaded Resistors
01-Jan-2022
logo
List of Unclassifed Man...
MFR0318 ETC-MFR0318 Datasheet
1Mb / 2P
   PRECISION METAL FILM LEADED RESISTORS
logo
Vishay Siliconix
PR02000203000JR500 VISHAY-PR02000203000JR500 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
28729 VISHAY-28729 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
PR02000201008JA100 VISHAY-PR02000201008JA100 Datasheet
209Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 24-Jun-13
logo
KOA Speer Electronics, ...
LF14CTTA1000D KOA-LF14CTTA1000D Datasheet
234Kb / 2P
   radial metal film leaded resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com