전자부품 데이터시트 검색엔진 |
|
8-215464-0 데이터시트(PDF) 5 Page - Tyco Electronics |
|
8-215464-0 데이터시트(HTML) 5 Page - Tyco Electronics |
5 / 100 page 5 Catalog 82012 Dimensions are shown for Dimensions are in inches Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 4-12 reference purposes only. and millimeters unless Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject otherwise specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 Introduction (Continued) Ribbon Cable Interconnect Solutions Mass termination capabili- ties of the ribbon cable connectors have helped make ribbon cable, and particularly .050 [0.127] centerline cable, popular within the Electronics Industry. The ability to termi- nate up to 64 conductors simultaneously, without stripping or otherwise pre- paring the cable, presents obvious labor savings. Ribbon Cable Connectors are wire-to-board devices used to make the transition between cable and pc board circuitry. They find heavy use within equipment to connect one board to another or one subsystem to another. The connectors are also used in input/out- put applications, connecting different pieces of equipment. Ribbon Cable Solutions are available on three separate cable centerline spacings. They include: .025 [0.64] Centerlines I System 50 receptacles I System 50 paddleboards I Pin headers .039 [1.00] Centerlines I 2.0 mm receptacles I Breakaway pin headers .050 [1.27] Centerlines I 50/50 Grid connectors I Micro-MaTch connectors I Novo Receptacle connectors I DIP plugs I EUROLATCH receptacle connectors per DIN 41612 and IEC 603-2 I Pin Headers System 50 ribbon cable receptacles will terminate cable on .025 [0.64] center- lines. They are available in select sizes from 20 thru 100-positions, and accept wire size range 30 AWG [0.05 mm2] solid or stranded wire and 32 AWG [0.03 mm2] stranded pvc insulated wire. Housing and cover are made of high tem- perature tolerant thermo- plastic material, black, UL 94V-0 rated. A single mating beam, phosphor bronze contact provides the inter- connect between the con- ductor and the .0152 [0.382] posts on .050 x .100 [1.27 x 2.54] grid. Also available in paddleboard configurations. 2.0 mm [.079] ribbon cable receptacles feature contacts on a true 2.0 mm [.079 in.] mating grid for 1.0 mm [.039 in.] pitch ribbon cable. Select configurations are available between 8 and 50-positions. Receptacles feature insulation displacement contacts (IDC). 50/50 Grid connectors Although AMPMODU 50/50 Grid Vertical Headers and Receptacles are designed for parallel board-to-board stacking in high density applications, Right-angle board-to-board and cable- to-board applications are also possible since the vertical receptacles also mate with non-latching right-angle headers and the vertical headers also mate with non-latching cable con- nectors. Micro-Match connectors Miniaturization and the trend towards higher density of electronic functions on a substrate led to the intro- duction of Micro-MaTch. The system offers a range of board and wire connectors, enabling a variety of wire-to- board and board-to-board interconnections. Its design prevents the traditional failure mode in tin-plated connections, fretting corro- sion. An additional position- ing spring in the female part absorbs relative movements caused by vibrations and thermal expansion between male and female contacts. By preventing movements on the contact spot, a gas tight connection can be guaranteed under all circumstances. Novo receptacles feature two rows of contacts on .100 x .100 [2.54 x 2.54] centers on selected sizes of 10 thru 64-positions and mate with .025 [0.64] square or round posts. The Novo tuning-fork contact offers a military-approved design, at an affordable cost. Polarization options include military, center and military, or dual bar. DIP (Dual In-Line Package) plugs provide a permanent connection of ribbon cable to a pc board or mating to DIP sockets. Using the same centerline dimensions as DIP integrated circuits, DIP plugs offer space efficiency and a low profile of .253 [6.43]. Need more information? Call Technical Support at the numbers listed below. Technical Support is staffed with specialists well versed in all TE products. They can provide you with: I Technical Support I Catalogs I Technical Documents I Product Samples I TE Authorized Distributor Locations |
유사한 부품 번호 - 8-215464-0 |
|
유사한 설명 - 8-215464-0 |