전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1-1376386-2 데이터시트(PDF) 6 Page - Tyco Electronics

부품명 1-1376386-2
상세설명  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1376386-2 데이터시트(HTML) 6 Page - Tyco Electronics

Back Button 1-1376386-2 Datasheet HTML 2Page - Tyco Electronics 1-1376386-2 Datasheet HTML 3Page - Tyco Electronics 1-1376386-2 Datasheet HTML 4Page - Tyco Electronics 1-1376386-2 Datasheet HTML 5Page - Tyco Electronics 1-1376386-2 Datasheet HTML 6Page - Tyco Electronics 1-1376386-2 Datasheet HTML 7Page - Tyco Electronics 1-1376386-2 Datasheet HTML 8Page - Tyco Electronics 1-1376386-2 Datasheet HTML 9Page - Tyco Electronics 1-1376386-2 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 98 page
background image
140
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board) (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Material and Finish
Housing—6/6 Nylon, glass filled
Tab Contacts -Copper Alloy, Tin plated
Related Product Data
Mating Plug Housings—page 138
Vertical Header Assembly
Type of Keying/Color
Section X-X
PC Board Layout
No. of
Mating
Pos.
AB
Tube
Type A
Type B
Type C
Type D
Plug Housing
(Qty.)
Natural
Red
Blue
Yellow
Part Number
2
11.6
L.P
1376382-1
1-1376382-2
2-1376382-3
3-1376382-4
-1376388-
Tube
1376437-1 (40)
1-1376437-2 (40)
2-1376437-3 (40)
3-1376437-4 (40)
3
16.6
10
L.P
1376383-1
1-1376383-2
2-1376383-3
3-1376383-4
-1376389-
Tube
1376439-1 (25)
1-1376439-2 (25)
2-1376439-3 (25)
3-1376439-4 (25)
4
21.6
15
L.P
1376384-1
1-1376384-2
2-1376384-3
3-1376384-4
-1376390-
Tube
1376440-1 (20)
1-1376440-2 (20)
2-1376440-3 (20)
3-1376440-4 (20)
6
31.6
25
L.P
1376385-1
1-1376385-2
2-1376385-3
3-1376385-4
-1376391-
Tube
1376441-1 (15)
1-1376441-2 (15)
2-1376441-3 (15)
3-1376441-4 (15)
2*
16.6
10
L.P
1376421-1
1-1376421-2
2-1376421-3
3-1376421-4
-1376389-
Tube
1376444-1 (25)
1-1376444-2 (25)
2-1376444-3 (25)
3-1376444-4 (25)
*10 mm centerline
Note: Dimensions shown are metric.
Note: All part numbers are RoHS Compliant.
Vertical Header Assy. Part No.
Type of Keying/Color
Dimensions
Loose Piece


유사한 부품 번호 - 1-1376386-2

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
1-1376386-2 MACOM-1-1376386-2 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-1376386-2 MACOM-1-1376386-2 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

유사한 설명 - 1-1376386-2

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com