전자부품 데이터시트 검색엔진 |
|
1N4116 데이터시트(PDF) 2 Page - Digitron Semiconductors |
|
1N4116 데이터시트(HTML) 2 Page - Digitron Semiconductors |
2 / 3 page D I G I T R O N S E M I C O N D U C T O R S 144 Market Street Kenilworth NJ 07033 USA phone +1.908.245-7200 fax +1.908.245-0555 sales@digitroncorp.com www.digitroncorp.com Rev.20120911 1N4099-1N4135 & 1N4614-1N4627 SILICON 500mW LOW NOISE ZENER DIODES ELECTRICAL CHARACTERISTICS @ 25°C Nominal Zener Voltage VZ @ lZT (Note 1) Zener Test Current lZT Maximum Zener Impedance ZZT (Note 2) Maximum Reverse Current lZ @ VR Maximum Noise Density ND @ lZT Maximum Zener Current lZM (Note 3) Maximum Temp. Coeff. Of Zener Voltage αVZ Jedec Type No. Volts μA Ohms μA Volts μV/√HZ mA %/°C 1N4128 60 250 400 .01 45.60 40 6.4 0.100 1N4129 62 250 500 .01 47.10 40 6.1 0.100 1N4130 68 250 700 .01 51.68 40 5.6 0.100 1N4131 75 250 700 .01 57.00 40 5.1 0.100 1N4132 82 250 800 .01 62.32 40 4.6 0.100 1N4133 87 250 1000 .01 66.12 40 4.4 0.100 1N4134 91 250 1200 .01 69.16 40 4.2 0.100 1N4135 100 250 1500 .01 76.00 40 3.8 0.100 Note 1: No suffix shows a standard tolerance of +/- 5% on the nominal zener voltage. Also available in 2% and 1% tolerance, suffix C and D respectively. VZ is measured with the diode in thermal equilibrium in 25°C still air. Note 2: Zener impedance is derived by superimposing on lZT, a 60Hz rms a.c. current equal to 10% of lZT (25μA a.c.) Note 3: Based upon 400mW maximum power dissipation at 75°Clead temperature, allowance has been made for the higher voltage associated with operation at higher currents. MECHANICAL CHARACTERISTICS Case: Glass DO-35 Thermal Resistance: 200°C/W junction to lead at 0.375” from body in DO-35. Metallurgically bonded DO-35’s exhibit less than 100°C/W at zero distance from body Polarity: Cathode band Available Non-RoHS (standard) or RoHS compliant (add PBF suffix) Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number Dimensions 1N4099-1N4135 1N4614-1N4627 DO-35 Inches Millimeters Ltr. Min Max Min Max BD 0.055 0.090 1.400 2.290 BL 0.120 0.200 3.050 5.080 LD 0.018 0.022 0.460 0.560 LL 1.000 1.500 25.400 38.100 |
유사한 부품 번호 - 1N4116 |
|
유사한 설명 - 1N4116 |