전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N5107 데이터시트(PDF) 2 Page - Digitron Semiconductors

부품명 1N5107
상세설명  3 WATT ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIGITRON [Digitron Semiconductors]
홈페이지  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N5107 데이터시트(HTML) 2 Page - Digitron Semiconductors

  1N5107 Datasheet HTML 1Page - Digitron Semiconductors 1N5107 Datasheet HTML 2Page - Digitron Semiconductors 1N5107 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N4096-1N5117
3 WATT ZENER DIODES
MZ806-MZ890
MZ210-MZ240
ELECTRICAL CHARACTERISTICS
Electrical Specifications @ 25°C
Maximum Ratings
Nominal
Zener
Voltage
Test
Current
Maximum Reverse Leakage
Current
Maximum
Zener
Impedance
Typ. Temp.
Coefficient
Maximum
Continuous
Current
Maximum
Surge
Current
Type
(note 1)
VZ @ IZT
IZT
IR @ VR
± 5%
VR
±10%
VR
ZZ @ IZT
TC @ IZT
IZM
IS
±5%
Tolerance
±10%
Tolerance
Volts
mA
µA
Volts
Volts
Ohms
%/°C
mA
Amps
1N5099
MZ214
140
5.0
1
106
101
550
.100
20
0.20
1N4098
MZ215
150
5.0
1
114
108
650
.100
20
0.20
1N5100
MZ216
160
4.0
1
122
115
700
.100
20
0.15
1N5101
MZ217
170
4.0
1
129
122
750
.100
18
0.15
1N5102
MZ218
180
4.0
1
137
129
850
.100
18
0.10
1N5103
MZ219
190
4.0
1
144
137
900
.100
15
0.10
1N5104
MZ220
200
4.0
1
152
144
950
.100
15
0.10
1N5105
MZ222
220
3.0
1
167
158
1100
.100
15
0.09
1N5106
MZ224
240
3.0
1
182
173
1300
.105
12
0.09
1N5107
MZ226
260
3.0
1
198
187
1500
.105
12
0.08
1N5109
MZ228
280
3.0
1
213
202
1700
.105
10
0.08
1N5110
MZ230
300
3.0
1
228
216
1900
.105
10
0.07
1N5111
MZ232
320
2.0
1
243
230
2100
.105
9
0.07
1N5113
MZ234
340
2.0
1
258
245
2400
.110
9
0.06
1N5114
MZ236
360
2.0
1
274
259
2700
.110
8
0.06
1N5115
MZ238
380
2.0
1
289
274
3000
.110
8
0.06
1N5117
MZ240
400
2.0
1
304
288
3500
.110
7
0.06
Note 1: Specify 5% voltage tolerance by changing the first numeral of type number from 8 to 7 or from 2 to 1.
MECHANICAL CHARACTERISTICS
Case:
Plastic DO-41
Marking:
Body painted, alpha-numeric
Polarity:
Cathode band
Dimensions
Inches
Millimeters
Min
Max
Min
Max
BD
-
0.107
-
2.720
BL
-
0.205
-
5.207
LD
0.030
0.034
0.760
0.860
LL
1.000
-
25.400
-
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121004


유사한 부품 번호 - 1N5107

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
1N5107 MICROSEMI-1N5107 Datasheet
115Kb / 2P
   POWER ZENERS
1N5107 MICROSEMI-1N5107 Datasheet
71Kb / 2P
   3 WATT GLASS ZENER DIODES
logo
New Jersey Semi-Conduct...
1N5107 NJSEMI-1N5107 Datasheet
60Kb / 1P
   Ref/Reg Diodes
More results

유사한 설명 - 1N5107

제조업체부품명데이터시트상세설명
logo
SEMTECH ELECTRONICS LTD...
ZM3C SEMTECH_ELEC-ZM3C Datasheet
230Kb / 3P
   3 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N5063 NJSEMI-1N5063 Datasheet
142Kb / 1P
   3-WATT ZENER DIODES
logo
Microsemi Corporation
3EZ39D5 MICROSEMI-3EZ39D5 Datasheet
69Kb / 2P
   SILICON 3 WATT ZENER DIODES
1N5063 MICROSEMI-1N5063 Datasheet
71Kb / 2P
   3 WATT GLASS ZENER DIODES
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
logo
NTE Electronics
NTE5270A NTE-NTE5270A Datasheet
31Kb / 3P
   50 Watt Zener Diodes
logo
Compensated Deuices Inc...
1N6632 CDI-DIODE-1N6632 Datasheet
27Kb / 2P
   5 WATT ZENER DIODES
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com