전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS4121EDWFR20 데이터시트(PDF) 3 Page - Cherry Semiconductor Corporation

부품명 CS4121EDWFR20
상세설명  Low Voltage Precision Air-Core Low Voltage Precision Air-Core
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHERRY [Cherry Semiconductor Corporation]
홈페이지  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS4121EDWFR20 데이터시트(HTML) 3 Page - Cherry Semiconductor Corporation

  CS4121EDWFR20 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS4121EDWFR20 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS4121EDWFR20 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS4121EDWFR20 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS4121EDWFR20 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS4121EDWFR20 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS4121EDWFR20 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS4121EDWFR20 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
PACKAGE LEAD #
LEAD SYMBOL
FUNCTION
Electrical Characteristics: continued
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Package Lead Description
Typical Performance Characteristics
0
45
90
135
180
225
270
315
Degrees of Deflection (
°)
7
6
5
4
3
2
1
0
-1
-2
-3
-4
-5
-6
-7
COS
SIN
045
90
135
180
225
270
315
Frequency/Output Angle (
°)
7
6
5
4
3
2
1
0
Figure 2: Charge Pump Output Voltage vs Output Angle
Figure 1: Function Generator Output Voltage
vs Degrees of Deflection
F/VOUT = 2.0V + 2 FREQ ´ CT ´ RT ´ (VREG - 0.7)
s Function Generator Section: continued
Function Generator Error
13.1V ² VCC ² 16V, TA=25¡C
-2.5
0
+2.5
deg
Function Generator Error
13.1V ² VCC ² 11V, TA=25¡C
-1
0
+1
deg
Function Generator Error
13.1V ² VCC ² 8V, TA=25¡C
-3
0
+3
deg
Function Generator Error
25¡C ² TA ² 85¡C
-3
0
+3
deg
Function Generator Error
25¡C ² TA ² 105¡C
-5.5
0
+5.5
deg
Function Generator Error
Ð40¡C ² TA ² 25¡C
-3
0
+3
deg
Function Generator Gain
TA = 25¡C Q vs F/VOUT
60
77
95
¡/V
16L PDIP*
20L SO*
1
1
CP+
Positive input to charge pump.
22
SQOUT
Buffered square wave output signal.
3
3
FREQIN
Speed or rpm input signal.
4, 5, 12, 13
4-7, 14-17
Gnd
Ground Connections.
6
8
COS+
Positive cosine output signal.
7
9
COS-
Negative cosine output signal.
810
VCC
Ignition or battery supply voltage.
9
11
BIAS
Test point or zero adjustment.
10
12
SIN-
Negative sine output signal.
11
13
SIN+
Positive sine output signal.
14
18
VREG
Voltage regulator output.
15
19
F/VOUT
Output voltage proportional to input signal frequency.
16
20
CP-
Negative input to charge pump.
*Internally Fused Leads


유사한 부품 번호 - CS4121EDWFR20

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS4121EDWFR20 ONSEMI-CS4121EDWFR20 Datasheet
99Kb / 12P
   Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
CS4121EDWFR20 ONSEMI-CS4121EDWFR20 Datasheet
94Kb / 12P
   Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
CS4121EDWFR20G ONSEMI-CS4121EDWFR20G Datasheet
94Kb / 12P
   Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
More results

유사한 설명 - CS4121EDWFR20

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS4121EDWFR20G ONSEMI-CS4121EDWFR20G Datasheet
94Kb / 12P
   Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
CS4121 ONSEMI-CS4121 Datasheet
99Kb / 12P
   Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
CS8190 ONSEMI-CS8190_12 Datasheet
165Kb / 11P
   Precision Air-Core Tach/Speedo Driver
January, 2012 ??Rev. 7
CS8191 ONSEMI-CS8191 Datasheet
102Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS4101 ONSEMI-CS4101 Datasheet
74Kb / 8P
   Precision Air-Core Tach/Speedo Driver
April, 2001 - Rev. 5
CS8190 ONSEMI-CS8190 Datasheet
103Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS8190 ONSEMI-CS8190_17 Datasheet
126Kb / 12P
   Precision Air-Core Tach/Speedo Driver
September, 2017 ??Rev. 8
logo
API Delevan
4726R API-4726R Datasheet
1Mb / 1P
   Air Core Inductors
logo
Coilcraft lnc.
GA3092-AL COILCRAFT-GA3092-AL Datasheet
213Kb / 2P
   Air Core Inductors
logo
API Delevan
4426R API-4426R Datasheet
1Mb / 1P
   Air Core Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com