전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC4467G-P-T3N-T 데이터시트(PDF) 2 Page - Unisonic Technologies

부품명 2SC4467G-P-T3N-T
상세설명  SILICON NPN TRIPLE DIFFUSED PLANAR TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC4467G-P-T3N-T 데이터시트(HTML) 2 Page - Unisonic Technologies

  2SC4467G-P-T3N-T Datasheet HTML 1Page - Unisonic Technologies 2SC4467G-P-T3N-T Datasheet HTML 2Page - Unisonic Technologies 2SC4467G-P-T3N-T Datasheet HTML 3Page - Unisonic Technologies 2SC4467G-P-T3N-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC4467
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R214-018.B
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
160
V
Collector-Emitter Voltage
VCEO
120
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
8
A
Base Current
IB
3
A
Collector Power Dissipation (TC=25°C)
PC
80
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector Cut-Off Current
ICBO
VCB=160V
10
µA
Emitter Cut-Off Current
IEBO
VEB=6V
10
µA
Collector-Emitter Breakdown Voltage
BVCEO
IC=50mA
120
V
DC Current Gain
hFE
VCE=4V, IC=3A
50
Collector-Emitter Saturation Voltage
VCE(sat)
IC=3A, IB=0.3A
1.5
V
Current Gain Bandwidth Product
fT
VCE=12V, IE=-0.5A
20
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
200
pF
Switching time
Turn-on time
tON
VCC=40V, RL=10Ω, IC=4A,
IB1=0.4A IB2=0.4A
0.13
µS
Storage time
tS
3.50
µS
Fall time
tF
0.32
µS
CLASSIFICATION OF hFE
RANK
O
P
Y
RANGE
50~100
70~140
90~180


유사한 부품 번호 - 2SC4467G-P-T3N-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
2SC4467G-X-T3N-T UTC-2SC4467G-X-T3N-T Datasheet
169Kb / 4P
   SILICON NPN TRIPLE DIFFUSED PLANAR TRANSISTOR
2SC4467G-X-T3P-T UTC-2SC4467G-X-T3P-T Datasheet
169Kb / 4P
   SILICON NPN TRIPLE DIFFUSED PLANAR TRANSISTOR
More results

유사한 설명 - 2SC4467G-P-T3N-T

제조업체부품명데이터시트상세설명
logo
Wing Shing Computer Com...
2SD1555 WINGS-2SD1555 Datasheet
29Kb / 1P
   NPN TRIPLE DIFFUSED(PLANAR SILICON TRANSISTOR)
logo
Fairchild Semiconductor
FJAF6810D FAIRCHILD-FJAF6810D Datasheet
77Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
FJAF6910 FAIRCHILD-FJAF6910 Datasheet
109Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
FJL6825 FAIRCHILD-FJL6825 Datasheet
107Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
KSD5072 FAIRCHILD-KSD5072 Datasheet
95Kb / 4P
   NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
List of Unclassifed Man...
2SC2621 ETC1-2SC2621 Datasheet
299Kb / 8P
   NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5338D FAIRCHILD-KSC5338D_10 Datasheet
394Kb / 8P
   NPN Triple Diffused Planar Silicon Transistor
logo
Sanken electric
2SC3835 SANKEN-2SC3835_07 Datasheet
33Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC3858 SANKEN-2SC3858_07 Datasheet
34Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC3927 SANKEN-2SC3927_07 Datasheet
34Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC4140 SANKEN-2SC4140_01 Datasheet
33Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com