전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3N65L-TF3-T 데이터시트(PDF) 8 Page - Unisonic Technologies

부품명 3N65L-TF3-T
상세설명  3A, 650V N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N65L-TF3-T 데이터시트(HTML) 8 Page - Unisonic Technologies

  3N65L-TF3-T Datasheet HTML 1Page - Unisonic Technologies 3N65L-TF3-T Datasheet HTML 2Page - Unisonic Technologies 3N65L-TF3-T Datasheet HTML 3Page - Unisonic Technologies 3N65L-TF3-T Datasheet HTML 4Page - Unisonic Technologies 3N65L-TF3-T Datasheet HTML 5Page - Unisonic Technologies 3N65L-TF3-T Datasheet HTML 6Page - Unisonic Technologies 3N65L-TF3-T Datasheet HTML 7Page - Unisonic Technologies 3N65L-TF3-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
3N65
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
8 of 8
www.unisonic.com.tw
QW-R502-590.B
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


유사한 부품 번호 - 3N65L-TF3-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
3N65L-TF3-T UTC-3N65L-TF3-T Datasheet
399Kb / 8P
   3A, 650V N-CHANNEL POWER MOSFET
3N65L-TF3-T UTC-3N65L-TF3-T Datasheet
382Kb / 8P
   N-CHANNEL POWER MOSFET
More results

유사한 설명 - 3N65L-TF3-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
3N65Z UTC-3N65Z Datasheet
350Kb / 8P
   3A, 650V N-CHANNEL POWER MOSFET
3N65 UTC-3N65 Datasheet
399Kb / 8P
   3A, 650V N-CHANNEL POWER MOSFET
3N65K UTC-3N65K Datasheet
396Kb / 8P
   3A, 650V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
   650V N-Channel Power MOSFET
logo
Microdiode Electronics ...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
   650V N-Channel Power MOSFET
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
8N65 DYELEC-8N65 Datasheet
1Mb / 9P
   650V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
4N65 DYELEC-4N65 Datasheet
2Mb / 10P
   650V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com