전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA1664L3 데이터시트(PDF) 1 Page - Cystech Electonics Corp.

부품명 BTA1664L3
상세설명  Low Vcesat PNP Epitaxial Planar Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTA1664L3 데이터시트(HTML) 1 Page - Cystech Electonics Corp.

  BTA1664L3 Datasheet HTML 1Page - Cystech Electonics Corp. BTA1664L3 Datasheet HTML 2Page - Cystech Electonics Corp. BTA1664L3 Datasheet HTML 3Page - Cystech Electonics Corp. BTA1664L3 Datasheet HTML 4Page - Cystech Electonics Corp. BTA1664L3 Datasheet HTML 5Page - Cystech Electonics Corp. BTA1664L3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C315L3
Issued Date : 2008.03.14
Revised Date :2011.09.06
Page No. : 1/6
BTA1664L3
CYStek Product Specification
Low Vcesat PNP Epitaxial Planar Transistor
BTA1664L3
Features
• Low VCE(sat), VCE(sat)=-0.24V (typical), at IC / IB =- 500mA /- 20mA
• Pb-free lead plating and halogen-free package
Symbol
Outline
BTA1664L3
SOT-223
B
C
C
E
Absolute Maximum Ratings (Ta=25
°C)
B:Base
C:Collector
E:Emitter
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-25
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current(DC)
IC
-2
A
Peak Collector Current
ICM
-4
A
Peak Base Current
IBM
-200
mA
Power Dissipation @TA=25℃
Pd
3
(Note)
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
Note : The power which can be dissipated assuming the device is mounted in a typical manner on a P.C.B. with copper equal
to 4 square inch minimum.


유사한 부품 번호 - BTA1664L3

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
BTA1664M3 CYSTEKEC-BTA1664M3 Datasheet
170Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1664M3 CYSTEKEC-BTA1664M3 Datasheet
237Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1664M3 CYSTEKEC-BTA1664M3_07 Datasheet
237Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
More results

유사한 설명 - BTA1664L3

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
BTB1205I3 CYSTEKEC-BTB1205I3_09 Datasheet
227Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1952E3 CYSTEKEC-BTA1952E3 Datasheet
149Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1326I3 CYSTEKEC-BTB1326I3 Datasheet
138Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188AM3 CYSTEKEC-BTB1188AM3 Datasheet
252Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188M3R CYSTEKEC-BTB1188M3R Datasheet
253Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTPA92T3 CYSTEKEC-BTPA92T3 Datasheet
311Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772D3 CYSTEKEC-BTB772D3 Datasheet
307Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AT3 CYSTEKEC-BTB772AT3 Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1205I3 CYSTEKEC-BTB1205I3 Datasheet
157Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1184J3 CYSTEKEC-BTB1184J3 Datasheet
169Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1412J3 CYSTEKEC-BTB1412J3_09 Datasheet
246Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com