전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTB857AD3 데이터시트(PDF) 2 Page - Cystech Electonics Corp.

부품명 BTB857AD3
상세설명  Low Vcesat PNP Epitaxial Planar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB857AD3 데이터시트(HTML) 2 Page - Cystech Electonics Corp.

  BTB857AD3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB857AD3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB857AD3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB857AD3 Datasheet HTML 4Page - Cystech Electonics Corp. BTB857AD3 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C601D3
Issued Date : 2008.12.23
Revised Date : 2012.02.17
Page No. : 2/5
BTB857AD3
CYStek Product Specification
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-180
-210
-
V
IC=-50μA, IE=0
BVCEO
-140
-170
-
V
IC=-10mA, IB=0
BVEBO
-6
-8
-
V
IE=-50μA, IC=0
ICBO
-
-
-50
nA
VCB=-150V, IE=0
ICEO
-
-
-10
μA
VCE=-140V, IB=0
IEBO
-
-
-50
nA
VEB=-6V, IC=0
*VCE(sat)
-
-0.11
-0.15
V
IC=-1A, IB=-100mA
*VCE(sat)
-
-0.15
-0.3
V
IC=-2A, IB=-200mA
*VCE(sat)
-
-0.27
-0.37
V
IC=-3A, IB=-300mA
*VBE(sat)
-
-
-1.2
V
IC=-2A, IB=-200mA
*hFE 1
180
-
390
-
VCE=-3V, IC=-500mA
*hFE 2
120
-
-
-
VCE=-2V, IC=-1A
fT
-
15
-
MHz
VCE=-5V, IC=-500mA, f=100MHz
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
Ordering Information
Device
Package
Shipping
BTB857AD3
TO-126ML
(RoHS compliant)
200 pcs / bag, 15 bags/box, 10 boxes/carton


유사한 부품 번호 - BTB857AD3

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
BTB857D3 CYSTEKEC-BTB857D3 Datasheet
248Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB857T3 CYSTEKEC-BTB857T3 Datasheet
243Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB857T3-0-BL-G CYSTEKEC-BTB857T3-0-BL-G Datasheet
243Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB857T3-0-UC-G CYSTEKEC-BTB857T3-0-UC-G Datasheet
243Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
More results

유사한 설명 - BTB857AD3

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
BTB1205I3 CYSTEKEC-BTB1205I3_09 Datasheet
227Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1952E3 CYSTEKEC-BTA1952E3 Datasheet
149Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1326I3 CYSTEKEC-BTB1326I3 Datasheet
138Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188AM3 CYSTEKEC-BTB1188AM3 Datasheet
252Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188M3R CYSTEKEC-BTB1188M3R Datasheet
253Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTPA92T3 CYSTEKEC-BTPA92T3 Datasheet
311Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772D3 CYSTEKEC-BTB772D3 Datasheet
307Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AT3 CYSTEKEC-BTB772AT3 Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1205I3 CYSTEKEC-BTB1205I3 Datasheet
157Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1184J3 CYSTEKEC-BTB1184J3 Datasheet
169Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1412J3 CYSTEKEC-BTB1412J3_09 Datasheet
246Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com