전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTB1580L3 데이터시트(PDF) 3 Page - Cystech Electonics Corp.

부품명 BTB1580L3
상세설명  PNP Epitaxial Planar Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB1580L3 데이터시트(HTML) 3 Page - Cystech Electonics Corp.

  BTB1580L3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB1580L3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB1580L3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB1580L3 Datasheet HTML 4Page - Cystech Electonics Corp. BTB1580L3 Datasheet HTML 5Page - Cystech Electonics Corp. BTB1580L3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C655L3
Issued Date : 2011.07.14
Revised Date :
Page No. : 3/6
BTB1580L3
CYStek Product Specification
Typical Characteristics
Current Gain vs Collector Current
1
10
100
1000
10000
1
10
100
1000
10000
Collector Current---IC(mA)
VCE = 4V
Saturation Voltage vs Collector Current
100
1000
10000
1
10
100
1000
10000
Collector Current---IC(mA)
VCE (SAT)@IC=250IB
Saturation Voltage vs Collector Current
100
1000
10000
1
10
100
1000
10000
Collector Current---IC(mA)
VBE (SAT)@IC = 250IB
On voltage vs Collector Current
100
1000
10000
1
10
100
1000
10000
Collector Current---IC(mA)
VBE (ON) @VCE = 4V
Power Derating Curve
0
1
2
3
4
5
6
0
50
100
150
200
Ambient Temperature ---TC(℃ )


유사한 부품 번호 - BTB1580L3

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
BTB1580J3 CYSTEKEC-BTB1580J3 Datasheet
245Kb / 6P
   PNP Epitaxial Planar Transistor
BTB1580M3 CYSTEKEC-BTB1580M3 Datasheet
168Kb / 4P
   PNP Epitaxial Planar Transistor
BTB1580M3 CYSTEKEC-BTB1580M3 Datasheet
158Kb / 5P
   PNP Epitaxial Planar Transistor
BTB1580M3 CYSTEKEC-BTB1580M3_06 Datasheet
158Kb / 5P
   PNP Epitaxial Planar Transistor
BTB1580SM3 CYSTEKEC-BTB1580SM3 Datasheet
314Kb / 8P
   PNP Epitaxial Planar Transistor
More results

유사한 설명 - BTB1580L3

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com