전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTB5240N3 데이터시트(PDF) 8 Page - Cystech Electonics Corp.

부품명 BTB5240N3
상세설명  Low VCE(sat) PNP Epitaxial Planar Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB5240N3 데이터시트(HTML) 8 Page - Cystech Electonics Corp.

  BTB5240N3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB5240N3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB5240N3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB5240N3 Datasheet HTML 4Page - Cystech Electonics Corp. BTB5240N3 Datasheet HTML 5Page - Cystech Electonics Corp. BTB5240N3 Datasheet HTML 6Page - Cystech Electonics Corp. BTB5240N3 Datasheet HTML 7Page - Cystech Electonics Corp. BTB5240N3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C195N3
Issued Date : 2013.05.10
Revised Date :
Page No. : 8/8
BTB5240N3
CYStek Product Specification
SOT-23 Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
H
J
K
D
A
L
G
V
C
B
3
2
1
S
Style : Pin 1.Base 2.Emitter 3.Collector
3-Lead SOT-23 Plastic
Surface Mounted Package
CYStek Package Code: N3
Marking:
Product Code
Date Code: Year+Month
Year: 3→2003, 4→2004
Month: 1→1, 2→2,‧‧‧
9→9, A→10, B→11, C→12
ZF
DIM
Min.
Max.
Min.
Max.
A
0.1102
0.1204
2.80
3.04
J
0.0034
0.0070
0.085
0.177
B
0.0472
0.0630
1.20
1.60
K
0.0128
0.0266
0.32
0.67
C
0.0335
0.0512
0.89
1.30
L
0.0335
0.0453
0.85
1.15
D
0.0118
0.0197
0.30
0.50
S
0.0830
0.1161
2.10
2.95
G
0.0669
0.0910
1.70
2.30
V
0.0098
0.0256
0.25
0.65
H
0.0005
0.0040
0.013
0.10
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


유사한 부품 번호 - BTB5240N3

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
BTB5213L3 CYSTEKEC-BTB5213L3 Datasheet
263Kb / 7P
   General Purpose PNP Epitaxial Planar Transistor
More results

유사한 설명 - BTB5240N3

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
BTB1424AM3 CYSTEKEC-BTB1424AM3 Datasheet
175Kb / 5P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1424AD3 CYSTEKEC-BTB1424AD3_06 Datasheet
177Kb / 4P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1424N3 CYSTEKEC-BTB1424N3_06 Datasheet
231Kb / 5P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTA1300A3 CYSTEKEC-BTA1300A3 Datasheet
156Kb / 4P
   Low VCE(SAT) PNP Epitaxial Planar Transistor
BTB772AM3 CYSTEKEC-BTB772AM3 Datasheet
188Kb / 5P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1424LN3 CYSTEKEC-BTB1424LN3 Datasheet
162Kb / 4P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1386N3 CYSTEKEC-BTB1386N3 Datasheet
165Kb / 4P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1424N3 CYSTEKEC-BTB1424N3 Datasheet
253Kb / 5P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1426A3 CYSTEKEC-BTB1426A3 Datasheet
154Kb / 4P
   Low VCE(SAT) PNP Epitaxial Planar Transistor
BTP2907SL3 CYSTEKEC-BTP2907SL3 Datasheet
264Kb / 7P
   Low VCE(sat) PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com