전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD238 데이터시트(PDF) 2 Page - Unisonic Technologies

부품명 BD238
상세설명  -80V, PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BD238 데이터시트(HTML) 2 Page - Unisonic Technologies

  BD238 Datasheet HTML 1Page - Unisonic Technologies BD238 Datasheet HTML 2Page - Unisonic Technologies BD238 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BD238
PNP EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
2 of 3
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R226-002, B
ABSOLUTE MAXIMUM RATINGS (T
A=25
°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-100
V
Collector-Emitter Voltage
VCEO
-80
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-2
A
Collector Power Dissipation
Pc
1.25
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55~150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A=25
°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector-Base Breakdown Voltage
V(BR)CBO
IC=-1mA, IE=0
-100
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-100mA, IB=0
-80
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IC=-1mA, IE=0
-5
V
Collector Cut-Off Current
ICBO
VCB=-100V, IE=0
-100
µA
Emitter Cut-Off Current
IEBO
VEB=-5V, IC=0
-1
mA
DC Current Gain
hFE(1)
VCE=-2V, IC=-150mA
40
hFE(2)
VCE=-2V, IC=-1A
25
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-1A, IB=-100mA
-0.6
V
Transition Frequency
fT
VCE=-10V, IC=-250mA,
f=10MHz
3
MHz


유사한 부품 번호 - BD238

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BD238 STMICROELECTRONICS-BD238 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
BD238 ETC2-BD238 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Fairchild Semiconductor
BD238 FAIRCHILD-BD238 Datasheet
37Kb / 4P
   Medium Power Linear and Switching
logo
Nanjing International G...
BD238 DGNJDZ-BD238 Datasheet
1Mb / 4P
   TO-126 Plastic-Encapsulate Transistors
logo
STMicroelectronics
BD238 STMICROELECTRONICS-BD238 Datasheet
265Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results

유사한 설명 - BD238

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
BD238 UTC-BD238_15 Datasheet
119Kb / 3P
   -80V, PNP TRANSISTOR
logo
Diodes Incorporated
BCX5316Q DIODES-BCX5316Q Datasheet
316Kb / 7P
   80V PNP MEDIUM POWER TRANSISTOR
logo
Rohm
2SAR586D3 ROHM-2SAR586D3 Datasheet
1Mb / 11P
   PNP -5.0A -80V Power Transistor
2SAR574D3 ROHM-2SAR574D3 Datasheet
1Mb / 11P
   PNP -2.0A -80V Power Transistor
2SB1644J ROHM-2SB1644J Datasheet
373Kb / 7P
   PNP -4A -80V Power Transistor
2013.03 - Rev.A
logo
Diodes Incorporated
MMSTA56Q DIODES-MMSTA56Q Datasheet
403Kb / 5P
   80V PNP SMALL SIGNAL TRANSISTOR
logo
Rohm
2SAR574D3FRA ROHM-2SAR574D3FRA Datasheet
1Mb / 10P
   PNP -2.0A -80V Power Transistor
2SAR586D3FRA ROHM-2SAR586D3FRA Datasheet
1Mb / 10P
   PNP -5.0A -80V Power Transistor
2SAR586D ROHM-2SAR586D Datasheet
1Mb / 9P
   PNP -5.0A -80V Middle Power Transistor
logo
SeCoS Halbleitertechnol...
MPSA56 SECOS-MPSA56 Datasheet
67Kb / 1P
   -0.5A , -80V PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com