전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6N80 데이터시트(PDF) 3 Page - Nell Semiconductor Co., Ltd

부품명 6N80
상세설명  N-Channel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NELLSEMI [Nell Semiconductor Co., Ltd]
홈페이지  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

6N80 데이터시트(HTML) 3 Page - Nell Semiconductor Co., Ltd

  6N80 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 6N80 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 6N80 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 6N80 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 6N80 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 6N80 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 6N80 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd 6N80 Datasheet HTML 8Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
Fig.2 Transfer characteristics
Gate-Source voltage,
(V)
VGS
Drain current, I (A)
D
Fig.1 Output characteristics
Drain-to-Source voltage,
(V)
VDS
Fig.3 On-resistance variation vs. drain
current
Fig.4 Source-drain diode forward voltage
Source-drain voltage, V
(V)
SD
-1
10
4
6
2
10
0
0
15
10
5
25
0.2
0.4
0.6
0.8
1.0
1.2
1.4
www.nellsemi.com
Page 3 of 8
6N80 Series
ORDERING INFORMATION SCHEME
MOSFET series
Current rating, ID
Voltage rating, VDS
6 = 6A
80 = 800V
6
N 80
A
Package type
A = TO-220AB
AF = TO-220F
N = N-Channel
8
1
10
0
10
-1
10
-1
10
1
10
0
10
1
10
0
10
1
2
20
3
4
-1
10
0
10
1
10
VGS
Top: 15 V
10 V
80 V
70 V
60 V
Bottorm: 5.5 V
*Notes:
1.250µs Pulse test
2.T =25°C
c
*Notes:
1.V
=0V
GS
2.
2.250µs
V
=50V
DS
Pulse test
-55°C
150°C
25°C
*Note:T =25°C
J
V
=20V
GS
V
=10V
GS
5
*Notes:
1.V
=0V
GS
2.250μs Pulse test
25°C
150°C


유사한 부품 번호 - 6N80

제조업체부품명데이터시트상세설명
logo
IXYS Corporation
6N80 IXYS-6N80 Datasheet
87Kb / 4P
   N-Channel Enhancement Mode
logo
Unisonic Technologies
6N80 UTC-6N80 Datasheet
181Kb / 6P
   6.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
6N80 UTC-6N80 Datasheet
199Kb / 6P
   6A, 800V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
6N80 ISC-6N80 Datasheet
61Kb / 2P
   Simple Drive Requirements
6N80 ISC-6N80 Datasheet
319Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - 6N80

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com