전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF22N60 데이터시트(PDF) 7 Page - Nell Semiconductor Co., Ltd

부품명 IRF22N60
상세설명  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NELLSEMI [Nell Semiconductor Co., Ltd]
홈페이지  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

IRF22N60 데이터시트(HTML) 7 Page - Nell Semiconductor Co., Ltd

  IRF22N60 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd IRF22N60 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd IRF22N60 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd IRF22N60 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd IRF22N60 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd IRF22N60 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd IRF22N60 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
www.nellsemi.com
Page 7 of 7
IRF22N60 Series
All dimensions in millimeters(inches)
D (Drain)
G
(Gate)
S (Source)
TO-247AB
5.38 (0.212)
6.20 (0.244)
15.49 (0.610)
16.26 (0.640)
16.15 (0.242)
20.80 (0.819)
21.
(0.845)
46
19.81 (0.780)
20.32 (0.800)
4.50 (0.177)Max
1.01 (0.040)
1.40 (0.055)
5.45 (0.215)
5.45 (0.215)
1.65 (0.065)
2.13 (0.084)
2.87 (0.113)
3.12 (0.123)
3.55 (0.138)
3.81 (0.150)
(TYP.)
(TYP.)
G
S
D
4.69 (0.185)
5.31 (0.209)
1.49 (0.059)
2.49 (0.098)
0.40 (0.016)
0.79 (0.031)
2.21 (0.087)
2.59 (0.102)


유사한 부품 번호 - IRF22N60

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
IRF220 SAMSUNG-IRF220 Datasheet
209Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF220 FAIRCHILD-IRF220 Datasheet
165Kb / 5P
   N-Channel Power MOSFETs, 7A, 150-200V
logo
Intersil Corporation
IRF220 INTERSIL-IRF220 Datasheet
68Kb / 7P
   4.0A and 5.0A, 150V and 200V, 0.8 and 1.2 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF220 NJSEMI-IRF220 Datasheet
135Kb / 3P
   Nanosecond Switching Speeds
logo
Inchange Semiconductor ...
IRF220 ISC-IRF220 Datasheet
48Kb / 2P
   High Speed Applications
More results

유사한 설명 - IRF22N60

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com