전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF540 데이터시트(PDF) 2 Page - Nell Semiconductor Co., Ltd

부품명 IRF540
상세설명  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NELLSEMI [Nell Semiconductor Co., Ltd]
홈페이지  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

IRF540 데이터시트(HTML) 2 Page - Nell Semiconductor Co., Ltd

  IRF540 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd IRF540 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd IRF540 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd IRF540 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd IRF540 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd IRF540 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd IRF540 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
UNIT
Min.
1.00
0.50
THERMAL RESISTANCE
PARAMETER
Thermal resistance, case to heatsink
Thermal resistance, junction to case
SYMBOL
Rth(j-c)
Rth(c-s)
Typ.
Max.
ºC/W
62
Thermal resistance, junction to ambient
Rth(j-a)
UNIT
V
ns
μA
pF
nC
Max.
8.7
250
100
-100
100
0.13
560
11
44
53
43
120
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise specified)
C
V
= 0V, I = 250µA
GS
D
TEST CONDITIONS
I = 1mA, referenced to 25°C
D
V
=100V, V
=0V
DS
GS
T = 25°C
C
Fall time
Gate to source reverse leakage current
Input capacitance
Total gate charge
Output capacitance
PARAMETER
Rise time
Gate to source forward leakage current
Turn-on delay time
Reverse transfer capacitance
Breakdown voltage temperature coefficient
Drain to source breakdown voltage
Turn-off delay time
SYMBOL
CISS
V
/
(BR)DSS
TJ
V(BR)DSS
IGSS
QG
tr
tf
QGS
11
Gate to source charge
V
= 80V, V
= 10V, I = 17A
DS
GS
D
Drain to source leakage current
IDSS
COSS
CRSS
td(ON)
td(OFF)
V/ºC
Ω
S
nA
T =125°C
C
Typ.
Min.
0.077
25.0
72
V
= 50V,
DD
(Note 1)
I = 17A,R = 2.9Ω,
D
D
V
= 10V, R =9.1Ω
GS
G
V
= 25V, V
= 0V, f =1MHz
DS
GS
V
= 20V, V
= 0V
GS
DS
V
= -20V, V
= 0V
GS
DS
V
=50V, I =17A
DS
D
Forward transconductance
Static drain to source on-state resistance
RDS(ON)
gfS
V
= 10V, l = 17A (Note 1)
GS
D
Gate to drain charge (Miller charge)
QGD
32
V
=80V, V
=0V
DS
GS
2.0
V
4.0
V
=V
, I =250μA
GS
DS
D
Gate threshold voltage
VGS(TH)
nH
7.5
4.5
Internal source inductance
LS
Internal drain inductance
LD
Between lead, 6mm from
package and center of die
SOURCE TO DRAIN DIODE RATINGS AND CHARACTERISTICS (T = 25°C unless otherwise specified)
C
UNIT
Max.
TEST CONDITIONS
PARAMETER
SYMBOL
Typ.
Min.
V
I
= 28A, V
= 0V
SD
GS
Diode forward voltage
VSD
2.5
Integral reverse P-N junction
diode in the MOSFET
Continuous source to drain current
Is(I )
SD
28
D (Drain)
G
(Gate)
S (Source)
A
Pulsed source current
ISM
110
I
= 17A, V
= 0V,
SD
GS
dI /dt = 100A/µs
F
Reverse recovery time
trr
ns
180
μC
Reverse recovery charge
Qrr
1.3
Note: 1. Pulse test: Pulse width ≤ 300μs, duty cycle ≤ 2%
.
tON
Forward turn-on time
360
2.8
Intrinsic turn-on time is negligible (turn-on is domonated by LS+LD)
1700
www.nellsemi.com
Page 2 of 7
STATIC
DYNAMIC
IRF540 Series


유사한 부품 번호 - IRF540

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
IRF540 PHILIPS-IRF540 Datasheet
86Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.100
logo
SHENZHEN DOINGTER SEMIC...
IRF540 DOINGTER-IRF540 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
STMicroelectronics
IRF540 STMICROELECTRONICS-IRF540 Datasheet
53Kb / 6P
   N - CHANNEL100V - 00.50ohm - 30A - TO-220/TO-220FI POWER MOSFET
logo
List of Unclassifed Man...
IRF540 ETC2-IRF540 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Fairchild Semiconductor
IRF540 FAIRCHILD-IRF540 Datasheet
146Kb / 5P
   N-Channel Power MOSFETs, 27 A, 60-100V
More results

유사한 설명 - IRF540

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com