전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS8141YN14 데이터시트(PDF) 11 Page - Cherry Semiconductor Corporation

부품명 CS8141YN14
상세설명  5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHERRY [Cherry Semiconductor Corporation]
홈페이지  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8141YN14 데이터시트(HTML) 11 Page - Cherry Semiconductor Corporation

Back Button CS8141YN14 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8141YN14 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8141YN14 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8141YN14 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8141YN14 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS8141YN14 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS8141YN14 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS8141YN14 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS8141YN14 Datasheet HTML 12Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Application Notes: continued
Step 3:
Increase the ESR of the capacitor from zero using
the decade box and vary the load current until oscillations
appear. Record the values of load current and ESR that
cause the greatest oscillation. This represents the worst
case load conditions for the regulator at low temperature.
Step 4
: Maintain the worst case load conditions set in step
3 and vary the input voltage until the oscillations increase.
This point represents the worst case input voltage condi-
tions.
Step 5:
If the capacitor is adequate, repeat steps 3 and 4
with the next smaller valued capacitor. A smaller capacitor
will usually cost less and occupy less board space. If the
output oscillates within the range of expected operating
conditions, repeat steps 3 and 4 with the next larger stan-
dard capacitor value.
Step 6:
Test the load transient response by switching in
various loads at several frequencies to simulate its real
working environment. Vary the ESR to reduce ringing.
Step 7:
Remove the unit from the environmental chamber
and heat the IC with a heat gun. Vary the load current as
instructed in step 5 to test for any oscillations.
Once the minimum capacitor value with the maximum
ESR is found, a safety factor should be added to allow for
the tolerance of the capacitor and any variations in regula-
tor performance. Most good quality aluminum electrolytic
capacitors have a tolerance of +/- 20% so the minimum
value found should be increased by at least 50% to allow
for this tolerance plus the variation which will occur at
low temperatures. The ESR of the capacitor should be less
than 50% of the maximum allowable ESR found in step 3
above.
The maximum power dissipation for a single output regu-
lator (Figure 9) is:
PD(max) =
{VIN(max) - VOUT(min)}IOUT(max) + VIN(max)IQ
(1)
where:
VIN(max) is the maximum input voltage,
VOUT(min) is the minimum output voltage,
IOUT(max) is the maximum output current for the applica-
tion, and
IQ is the quiescent current the regulator consumes at
IOUT(max).
Figure 9: Single output regulator with key performance parameters
labeled.
Once the value of PD(max) is known, the maximum permis-
sible value of RQJA can be calculated:
RQJA =
(2)
The value of RQJA can then be compared with those in
the package section of the data sheet. Those packages
with RQJA's less than the calculated value in equation 2 will
keep the die temperature below 150¡C.
In some cases, none of the packages will be sufficient to
dissipate the heat generated by the IC, and an external
heatsink will be required.
A heatsink effectively increases the surface area of the
package to improve the flow of heat away from the IC and
into the surrounding air.
Each material in the heat flow path between the IC and the
outside environment will have a thermal resistance. Like
series electrical resistances, these resistances are summed
to determine the value of RQJA:
RQJA = RQJC + RQCS + RQSA
(3)
where:
RQJC = the junctionÐtoÐcase thermal resistance,
RQCS = the caseÐtoÐheatsink thermal resistance, and
RQSA = the heatsinkÐtoÐambient thermal resistance.
RQJC appears in the package section of the data sheet. Like
RQJA, it too is a function of package type. RQCS and RQSA
are functions of the package type, heatsink and the inter-
face between them. These values appear in heatsink data
sheets of heatsink manufacturers.
Heatsinks
150¡C - TA
PD
VIN
Smart
Regulator
VOUT
IOUT
IIN
IQ
Control
Features
}
Calculating Power Dissipation
in a Single Output Linear Regulator


유사한 부품 번호 - CS8141YN14

제조업체부품명데이터시트상세설명
logo
Cherry Semiconductor Co...
CS8147 CHERRY-CS8147 Datasheet
173Kb / 8P
   10V/5V Low Dropout Dual Regulator with ENABLE
logo
ON Semiconductor
CS8147 ONSEMI-CS8147 Datasheet
85Kb / 12P
   10 V/5.0 V Low Dropout Dual Regulator with ENABLE
January, 2001 ??Rev. 6
logo
Cherry Semiconductor Co...
CS8147YT5 CHERRY-CS8147YT5 Datasheet
173Kb / 8P
   10V/5V Low Dropout Dual Regulator with ENABLE
logo
ON Semiconductor
CS8147YT5 ONSEMI-CS8147YT5 Datasheet
85Kb / 12P
   10 V/5.0 V Low Dropout Dual Regulator with ENABLE
January, 2001 ??Rev. 6
logo
Cherry Semiconductor Co...
CS8147YTHA5 CHERRY-CS8147YTHA5 Datasheet
173Kb / 8P
   10V/5V Low Dropout Dual Regulator with ENABLE
More results

유사한 설명 - CS8141YN14

제조업체부품명데이터시트상세설명
logo
Cherry Semiconductor Co...
CS5112 CHERRY-CS5112 Datasheet
199Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
CS5111 CHERRY-CS5111 Datasheet
188Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
CS8121 CHERRY-CS8121 Datasheet
205Kb / 8P
   5V, 1A Linear Regulator with and ENABLE RESET
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
   5V, 300mA Linear Regulator with and ENABLE RESET
logo
ON Semiconductor
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
NCV8518A ONSEMI-NCV8518A Datasheet
139Kb / 13P
   Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
NCV8518B ONSEMI-NCV8518B Datasheet
172Kb / 13P
   Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
June, 2010 ??Rev. 1
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
logo
Cherry Semiconductor Co...
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
   Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
logo
ON Semiconductor
CS5112 ONSEMI-CS5112 Datasheet
121Kb / 13P
   1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com