전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS4221 데이터시트(PDF) 10 Page - Cirrus Logic

부품명 CS4221
상세설명  24-Bit Stereo Audio Codec with 3V Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4221 데이터시트(HTML) 10 Page - Cirrus Logic

Back Button CS4221 Datasheet HTML 6Page - Cirrus Logic CS4221 Datasheet HTML 7Page - Cirrus Logic CS4221 Datasheet HTML 8Page - Cirrus Logic CS4221 Datasheet HTML 9Page - Cirrus Logic CS4221 Datasheet HTML 10Page - Cirrus Logic CS4221 Datasheet HTML 11Page - Cirrus Logic CS4221 Datasheet HTML 12Page - Cirrus Logic CS4221 Datasheet HTML 13Page - Cirrus Logic CS4221 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
CS4220 CS4221
10
DS284PP3
2. TYPICAL CONNECTION DIAGRAM — CS4220
AINL+
AINL-
1 µF
+
0.1 µF
2Ω
0.1 µF + 1µF
+5V
Supply
21
6
VA
VD
Ferrite Bead
2.2 nF
150Ω
150Ω
AINR+
AINR-
2.2 nF
150Ω
150Ω
20
19
17
16
22
7
AGND
DGND
10
11
Mode Selection
DIF1
DIF0
5
4
Audio
DSP
SCLK
LRCK
9
SDIN
8
SDOUT
Rs
Rs
CS4220
27
RST
R= 500 Ω
NC
1
NC
14
NC
15
NC
28
Rs
Rs
s
0.1 µF + 1µF
13
VL
+2.7 - 5V
47 kΩ
*
* Required for
Master Mode only
Digital Audio
Source
18
25
26
AOUTL+
AOUTL-
24
23
Analog Filter
AOUTR+
AOUTR-
12
DEM0
DEM1
XTI
XTO
2
3
External
Clock Input
40 pF
40 pF
Eliminate the crystal
and capacitors when
using an external
clock input
Analog Filter
Figure 4. CS4220 Recommended Connection Diagram
(Also see
Recommended Layout Diagram)


유사한 부품 번호 - CS4221

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
CS4222-BS CIRRUS-CS4222-BS Datasheet
616Kb / 29P
   20-Bit Stereo Audio Codec with Volume Control
CS4222-DS CIRRUS-CS4222-DS Datasheet
616Kb / 29P
   20-Bit Stereo Audio Codec with Volume Control
CS4222-KS CIRRUS-CS4222-KS Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
CS4222-KS CIRRUS-CS4222-KS Datasheet
616Kb / 29P
   20-Bit Stereo Audio Codec with Volume Control
More results

유사한 설명 - CS4221

제조업체부품명데이터시트상세설명
logo
Rohm
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
   Stereo audio interface with CODEC
logo
Asahi Kasei Microsystem...
AK4621 AKM-AK4621 Datasheet
532Kb / 41P
   24-Bit 192kHz Stereo Audio CODEC
logo
Nuvoton Technology Corp...
WAU8822 NUVOTON-WAU8822 Datasheet
942Kb / 21P
   24-bit Stereo Audio Codec with Speaker Driver
NAU8822 NUVOTON-NAU8822 Datasheet
2Mb / 91P
   24-bit Stereo Audio Codec with Speaker Driver
NAU88U22A NUVOTON-NAU88U22A Datasheet
2Mb / 96P
   24-bit Stereo Audio Codec with Speaker Driver
NAU88C22 NUVOTON-NAU88C22 Datasheet
3Mb / 101P
   24-bit Stereo Audio Codec with Speaker Driver
logo
List of Unclassifed Man...
WAU8822YG ETC2-WAU8822YG Datasheet
942Kb / 2P
   24-bit Stereo Audio Codec with Speaker Driver
logo
Nuvoton Technology Corp...
NAU8822L NUVOTON-NAU8822L Datasheet
3Mb / 97P
   24-bit Stereo Audio Codec with Speaker Driver
NAU8822A NUVOTON-NAU8822A Datasheet
3Mb / 91P
   24-bit Stereo Audio Codec with Speaker Driver
logo
NXP Semiconductors
UDA1355H PHILIPS-UDA1355H Datasheet
315Kb / 76P
   Stereo audio codec with SPDIF interface
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com