전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS4222-KS 데이터시트(PDF) 7 Page - Cirrus Logic

부품명 CS4222-KS
상세설명  20-Bit Stereo Audio Codec with Volume Control
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4222-KS 데이터시트(HTML) 7 Page - Cirrus Logic

Back Button CS4222-KS Datasheet HTML 3Page - Cirrus Logic CS4222-KS Datasheet HTML 4Page - Cirrus Logic CS4222-KS Datasheet HTML 5Page - Cirrus Logic CS4222-KS Datasheet HTML 6Page - Cirrus Logic CS4222-KS Datasheet HTML 7Page - Cirrus Logic CS4222-KS Datasheet HTML 8Page - Cirrus Logic CS4222-KS Datasheet HTML 9Page - Cirrus Logic CS4222-KS Datasheet HTML 10Page - Cirrus Logic CS4222-KS Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
ABSOLUTE MAXIMUM RATINGS (AGND, DGND = 0V, all voltages with respect to 0V.)
Parameter
Symbol
Min
Typ
Max
Units
Power Supplies
Digital
VD
-0.3
-
6.0
V
Analog
VA
-0.3
-
6.0
V
Input Current
(Note 14)
-
-
±10
mA
Analog Input Voltage
(Note 15)
-0.7
-
VA+0.7
V
Digital Input Voltage
(Note 15)
-0.7
-
VD+0.7
V
Ambient Temperature
(Power Applied)
-55
-
+125
°C
Storage Temperature
-65
-
+150
°C
Warning:
Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
Note: 14. Any pin except supplies. Transient currents of up to
±100mA on the analog input pins will
not cause SCR latch-up.
15. The maximum over or under voltage is limited by the input current.
RECOMMENDED OPERATING CONDITIONS (AGND, DGND = 0V, all voltages with respect
to 0V.)
Parameter
Symbol
Min
Typ
Max
Units
Power Supplies
Digital
VD
4.75
5.0
5.25
V
Analog
VA
4.75
5.0
5.25
V
VA - VD
--
0.4
V
Operating Ambient Temperature
TA
-10
25
70
°C
DIGITAL CHARACTERISTICS (TA = 25 °C; VA, VD = 5V
± 5%)
Parameter
Symbol
Min
Typ
Max
Units
High-level Input Voltage
VIH
2.8
-
VD+0.3
V
Low-level Input Voltage
VIL
-0.3
-
1.0
V
High-level Output Voltage at I0 = -2.0 mA
VOH
VD-1.0
-
-
V
Low-level Output Voltage at I0 = 2.0 mA
VOL
--
0.4
V
Input Leakage Current
(Digital Inputs)
-
-
10
µA
Output Leakage Current
(High Impedance Digital Outputs)
-
-
10
µA
CS4222
DS236PP3
7


유사한 부품 번호 - CS4222-KS

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4222-KS CIRRUS-CS4222-KS Datasheet
616Kb / 29P
   20-Bit Stereo Audio Codec with Volume Control
More results

유사한 설명 - CS4222-KS

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS4222 CIRRUS-CS4222_02 Datasheet
616Kb / 29P
   20-Bit Stereo Audio Codec with Volume Control
logo
Wolfson Microelectronic...
WM8569 WOLFSON-WM8569_06 Datasheet
449Kb / 36P
   24-bit, 192kHz Stereo CODEC with Volume Control
WM8569 WOLFSON-WM8569 Datasheet
417Kb / 36P
   24-bit, 192kHz Stereo CODEC with Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
   Stereo Audio Volume Control
logo
Cirrus Logic
CS4223 CIRRUS-CS4223 Datasheet
778Kb / 32P
   24-Bit 105 dB Audio Codec with Volume Control
CS4223 CIRRUS-CS4223_03 Datasheet
790Kb / 34P
   24-Bit 105 dB Audio Codec with Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com