전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UCS2G330MHD 데이터시트(PDF) 1 Page - Nichicon corporation

부품명 UCS2G330MHD
상세설명  Miniature Sized, High Ripple Current, High Reliability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NICHICON [Nichicon corporation]
홈페이지  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCS2G330MHD 데이터시트(HTML) 1 Page - Nichicon corporation

  UCS2G330MHD Datasheet HTML 1Page - Nichicon corporation UCS2G330MHD Datasheet HTML 2Page - Nichicon corporation UCS2G330MHD Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CS
series
Miniature Sized, High Ripple Current, High Reliability
High ripple current and Long Life product withstanding
load life of 8000 to 10000 hours at +105°C.
Suited for ballast application.
Compliant to the RoHS directive (2011/65/EU).
ALUMINUM ELECTROLYTIC CAPACITORS
U
1
C
2
S
3
2
4
E
5
1
6
0
7
1
8
M
910
11
Capacitance tolerance (
±20%)
Rated capacitance (100
µF)
Rated voltage (250V)
H D
12
T
Size code
2
Series name
Type
L +1.5MAX.
15 MIN
4 MIN
Radial Lead Type
Pencil - shaped Type
Sleeve (P.E.T.)
φd
Pressure
relief vent
Type numbering system (Example : 250V 100
µF)
Configuration
φ D
10
Pb-free leadwire
Pb-free PET sleeve
PD
12.5 to 18
HD
Configuration
φD
P
10
5.0
12.5
5.0
16
7.5
18
7.5
φd
0.6
0.6
0.8
0.8
(mm)
Size code
Blank, 6
Pb-free leadwire
Pb-free PET sleeve
ND
NY
9
2
L+2.0 MAX.
15MIN
4MIN
Pressure
relief vent
Sleeve (P.E.T.)
φ d
Dimension table in next page.
Please refer to page 20, 21, 22 about the formed or taped product spec.
Please refer to page 4 for the minimum order quantity.
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Tangent of loss angle (tan
δ)
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
– 40 to +105°C (160 to 400V) , – 25 to +105°C (450V)
160 to 450V
6.8 to 330µF
± 20% at 120Hz, 20°C
After 1 minute's application of rated voltage, leakage current is not more than 0.04CV+100 (µA)
Printed with white color letter on dark brown sleeve.
After storing the capacitors under no load at 105˚C for 1000 hours and then performing voltage treatment based on JIS C
5101-4 clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
Measurement frequency : 120Hz
Capacitance change
Leakage current
The specifications listed at right shall be met when the
capacitors are restored to 20°C after D.C. bias plus rated
ripple current is applied for 10000 hours (8000 hours for
φD=10 × 16L, 10 × 20L) at 105°C, the peak voltage shall not
exceed the rated voltage.
tan
δ
Within ±20% of the initial capacitance value
Less than or equal to the initial specified value
200% or less than the initial specified value
Z– 25°C / Z+20°C
Z– 40°C / Z+20°C
Rated voltage (V)
Impedance ratio ZT / Z20 (MAX.)
160
3
6
200
3
6
250
3
6
350
5
6
400
5
6
450
6
--
Measurement frequency : 120Hz at 20°C
Rated voltage (V)
tan
δ (MAX.)
160
0.20
200
0.20
250
0.20
400
0.24
450
0.24
350
0.24
CS
CA
Smaller
• Please refer to page 20 about the end seal configuration.
CY
CP
Smaller
CAT.8100C


유사한 부품 번호 - UCS2G330MHD

제조업체부품명데이터시트상세설명
logo
Nichicon corporation
UCS2G330MHD NICHICON-UCS2G330MHD Datasheet
93Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

유사한 설명 - UCS2G330MHD

제조업체부품명데이터시트상세설명
logo
Nichicon corporation
UHW NICHICON-UHW_17 Datasheet
766Kb / 4P
   Miniature Sized, High Ripple Current, High Reliability
UHW NICHICON-UHW_18 Datasheet
767Kb / 4P
   Miniature Sized, High Ripple Current,High Reliability
UHE1H471MHD6 NICHICON-UHE1H471MHD6 Datasheet
75Kb / 5P
   Miniature Sized, Low Impedance,High Reliability
UHE1A102MPD NICHICON-UHE1A102MPD_V01 Datasheet
1Mb / 5P
   Miniature Sized, Low Impedance, High Reliability
logo
Surge Components
STG1K152MND2535 SURGE-STG1K152MND2535 Datasheet
341Kb / 3P
   High ripple current, High reliability
logo
Illinois Capacitor, Inc...
MPP ILLINOISCAPACITOR-MPP Datasheet
167Kb / 2P
   High Ripple Current ??Low ESR ??High Reliability
logo
Nichicon corporation
RS6 NICHICON-RS6 Datasheet
684Kb / 2P
   Miniature Sized, High Capacitance
UPW1C681MPD1TD NICHICON-UPW1C681MPD1TD Datasheet
81Kb / 5P
   Miniature Sized, Low lmpedance, High Reliability For Switching Power Supplies
logo
jb Capacitors Company
JNC JBCAPACITORS-JNC Datasheet
607Kb / 3P
   High ripple current
logo
World Produts Inc.
PCPW225 WPI-PCPW225 Datasheet
256Kb / 8P
   High ripple current
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com