전자부품 데이터시트 검색엔진 |
|
5406536-4 데이터시트(PDF) 2 Page - Tyco Electronics |
|
5406536-4 데이터시트(HTML) 2 Page - Tyco Electronics |
2 / 3 page 17 Catalog 82066 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 11-07 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Multi-Port Modular Jacks (Continued) Modular Jacks and MRJ21 Product Note: All part numbers are RoHS compliant. .505 [12.83] .600 [15.24] 2.480 [62.99] Multi-Port Unshielded Side Entry (RA), Thru-Hole No. of Part Positions/ LEDs Shielded Performance Panel Inverted Ground Ports Number Contacts Stops Options 1 x 2 3-1734479-3 6/6 Without No Cat 3 Without Yes Without 1 x 2 5406542-1 6/6 Without No Cat 3 Without Yes Without 1 x 2 5406443-1 8/8 Without Yes Cat 5 Without No PCB Ground 1 x 2 5557560-1 8/8 Without No Cat 4 Without No Without 1 x 2 6116353-1 8/8 With Yes Cat 5 Without Yes Panel and PCB 1 x 2 6368419-1 8/8 With Yes Cat 5 Without Yes Panel and PCB 1 x 4 1734714-2 8/8 Without Yes Cat 3 Without No Panel and PCB 1 x 4 5406203-3 8/8 Without Yes Cat 5 Without No Panel and PCB 1 x 4 5406281-3 8/8 Without Yes Cat 5 Without No Panel and PCB 1 x 4 5557562-1 8/8 Without No Cat 4 Without No Without 1 x 4 5558503-1 8/8 Without Yes Cat 5 Without No PCB Ground 1 x 4 5406536-4 8/8 With No Cat 5 Without Yes Without 1 x 4 5406552-1 8/8 With Yes Cat 5 Without Yes Panel and PCB 1 x 4 5406552-4 8/8 With Yes Cat 5 Without Yes Panel and PCB 1 x 6 5406206-1 8/8 Without Yes Cat 5 Without No Panel and PCB 1 x 8 5558505-1 8/8 Without Yes Cat 5 Without No PCB Ground Side Entry (RA), Thru-Hole (Combination RJ11/RJ45) No. of Part Positions/ LEDs Shielded Performance Panel Inverted Ground Ports Number Contacts Stops Options 1 x 2 2-1734712-2 6/2 With Yes Cat 3 Without Yes PCB Ground |
유사한 부품 번호 - 5406536-4 |
|
유사한 설명 - 5406536-4 |