전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF3205 데이터시트(PDF) 4 Page - Nell Semiconductor Co., Ltd

부품명 IRF3205
상세설명  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NELLSEMI [Nell Semiconductor Co., Ltd]
홈페이지  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

IRF3205 데이터시트(HTML) 4 Page - Nell Semiconductor Co., Ltd

  IRF3205 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd IRF3205 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd IRF3205 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd IRF3205 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd IRF3205 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd IRF3205 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd IRF3205 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
Fig.5 Typical capacitance vs. Drain-to-Source
voltage
Drain-to-Source voltage, V
(V)
DS
Total gate charge, Q (nC)
G
Fig.8 Maximum safe operating area
Drain-to-Source voltage, V
(V)
DS
Case temperature, T (°C)
C
Fig.7 Typical Source-Drain diode forward
voltage
Source-to-Drain voltage, V
(V)
SD
Fig.6 Typical gate charge vs. Gate-to-Source
voltage
Fig.9 Maximum drain current vs.
Case temperature
10
3
10
IRF3205 Series
6000
5000
4000
3000
2000
1000
0
1
10
100
C
=
(
)
iss
C
+C
C
= shorted
gs
gd
ds
C
= C
rss
gd
C
= C
+C
oss
ds
gd
V
= 0V,
GS
f =1MHZ
Coss
Crss
Ciss
l = 62A
D
V
= 44V
DS
V
= 27V
DS
V
= 11V
DS
T = 25 °C
J
T = 17 5°C
J
V
= 0V
GS
0.2
0.8
1.4
2.0
2.6
2
10
1
0.1
Operation in This Area is Limited by RDS(ON)
102
4
10
3
10
1
10
1
10
100
1000
10µs
100µs
1ms
10ms
Note:
1. T
2. T
= 25°C
C
= 175°C
J
3. Single Pulse
120
100
80
60
40
20
0
25
50
75
100
125
150
175
LIMITED BY PACKAGE
0
2
4
6
8
10
12
14
16
0
20
40
60
80
100
120
www.nellsemi.com
Page 4 of 7


유사한 부품 번호 - IRF3205

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3205 IRF-IRF3205 Datasheet
92Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3205 IRF-IRF3205 Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
logo
Kersemi Electronic Co.,...
IRF3205 KERSEMI-IRF3205 Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
logo
Thinki Semiconductor Co...
IRF3205 THINKISEMI-IRF3205 Datasheet
970Kb / 5P
   N-Channel Trench Process Power MOSFET Transistor
logo
Inchange Semiconductor ...
IRF3205 ISC-IRF3205 Datasheet
139Kb / 2P
   isc N-Channel Mosfet Transistor
More results

유사한 설명 - IRF3205

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com