전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5102A-JL 데이터시트(PDF) 10 Page - Cirrus Logic

부품명 CS5102A-JL
상세설명  16-Bit, 100kHz/ 20kHz A/D Converters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5102A-JL 데이터시트(HTML) 10 Page - Cirrus Logic

Back Button CS5102A-JL Datasheet HTML 6Page - Cirrus Logic CS5102A-JL Datasheet HTML 7Page - Cirrus Logic CS5102A-JL Datasheet HTML 8Page - Cirrus Logic CS5102A-JL Datasheet HTML 9Page - Cirrus Logic CS5102A-JL Datasheet HTML 10Page - Cirrus Logic CS5102A-JL Datasheet HTML 11Page - Cirrus Logic CS5102A-JL Datasheet HTML 12Page - Cirrus Logic CS5102A-JL Datasheet HTML 13Page - Cirrus Logic CS5102A-JL Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
sclkl
t
sclkh
t
dss
t
SDATA
SCLK
SCLK
MSB
dhs
t
HOLD
SDATA
MSB
SDATA
dts
t
sclk
t
dss
t
MSB-1
SCLK
TRK1, TRK2
ss
t
MSB
SCLK
sh
t
SDATA
slkh
t
slkl
t
dss
t
chfs
t
CH1/2
HOLD
hfs
t
SSH/SDL
rsclk
t
LSB
rsdl
t
Data Transmission Timing
a. SCLK input (RBT and PDT mode)
b. SCLK output (SSC and FRN modes)
a. Pipelined Data Transmission (PDT)
b. Register Burst Transmission (RBT) Mode
Serial Data Timing
CS5101A CS5102A
10
DS45F2


유사한 부품 번호 - CS5102A-JL

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS5102A-JL CIRRUS-CS5102A-JL Datasheet
574Kb / 39P
   16-bit, 100 kSps / 20 kSps A/D Converters
CS5102A-JLZ CIRRUS-CS5102A-JLZ Datasheet
574Kb / 39P
   16-bit, 100 kSps / 20 kSps A/D Converters
More results

유사한 설명 - CS5102A-JL

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MN6500 ETC1-MN6500 Datasheet
1Mb / 8P
   100kHz 16-Bit, A/D CONVERTER
logo
API Technologies Corp
MN6500 APITECH-MN6500 Datasheet
1Mb / 8P
   16-bit, 100kHz Sampling A/D Converter
logo
Murata Power Solutions ...
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
ADS-933 MURATA-PS-ADS-933 Datasheet
134Kb / 8P
   16-Bit, 3MHz Sampling A/D Converters
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
   16-Bit, 1MHz Sampling A/D Converters
ADS-935 MURATA-PS-ADS-935 Datasheet
420Kb / 8P
   16-Bit, 5MHz Sampling A/D Converters
ADS-939 MURATA-PS-ADS-939 Datasheet
223Kb / 7P
   16-Bit, 10MHz Sampling A/D Converters
logo
Analog Devices
ADDAC71 AD-ADDAC71_15 Datasheet
1Mb / 5P
   HIGH RESOLUTION 16 BIT D/A CONVERTERS
ADDAC72 AD-ADDAC72_15 Datasheet
1Mb / 5P
   HIGH RESOLUTION 16 BIT D/A CONVERTERS
logo
List of Unclassifed Man...
ADS-930 ETC1-ADS-930 Datasheet
603Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com