전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN6862WTY 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FAN6862WTY
상세설명  Highly Integrated Green-Mode PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6862WTY 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FAN6862WTY Datasheet HTML 1Page - Fairchild Semiconductor FAN6862WTY Datasheet HTML 2Page - Fairchild Semiconductor FAN6862WTY Datasheet HTML 3Page - Fairchild Semiconductor FAN6862WTY Datasheet HTML 4Page - Fairchild Semiconductor FAN6862WTY Datasheet HTML 5Page - Fairchild Semiconductor FAN6862WTY Datasheet HTML 6Page - Fairchild Semiconductor FAN6862WTY Datasheet HTML 7Page - Fairchild Semiconductor FAN6862WTY Datasheet HTML 8Page - Fairchild Semiconductor FAN6862WTY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
September 2012
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6862W • Rev. 1.0.0
FAN6862W
Highly Integrated Green-Mode PWM Controller
Features
Low Standby Power: Under 0.1 W
Low Startup Current: 8 µA
Low Operating Current in Green Mode: 600 µA
Peak-Current Mode Operation with Cycle-by-Cycle
Current Limiting
PWM Frequency Continuously Decreasing with
Burst Mode at Light Loads
VDD Over-Voltage Protection (OVP)
Constant Output Power Limit (Full AC Input Range)
Internal Latch Circuit (FAN6862WL) for OVP, OTP
Fixed PWM Frequency (65 KHz) with Frequency
Hopping
Feedback Open-Loop Protection: 60 ms Delay
GATE Output Maximum Voltage Clamp: 13.5V
Soft-Start Time: 5 ms
Soft Driving for EMI Improvement
Full Range Frequency Hopping
Internal OTP Sensor with Hysteresis
Gate Driving Capability: 400 mA
Applications
General-purpose switched-mode power supplies and
flyback power converters, including:
Power Adapters
Open-Frame SMPS
SMPS with Surge-Current Output, such as for
Printers, Scanners, Motor Drivers
Description
A highly integrated PWM controller, FAN6862W
provides several features to enhance the performance
of flyback converters. To minimize standby power
consumption, a proprietary Green Mode provides off-
time modulation to continuously decrease the switching
frequency under light-load conditions. Under zero-load
conditions, the power supply enters Burst Mode, which
completely shuts off PWM output. Output restarts just
before the supply voltage drops below the UVLO lower
limit. Green Mode enables power supplies to meet
international power conservation requirements.
The FAN6862W is designed for SMPS and integrates a
frequency-hopping function that helps to reduce EMI
emission of a power supply with minimum line filters. To
compensate the power limit variation over universal
input range, a bias current limit (VLIMIT) adaptively keeps
the power limit substantially constant. The gate output is
clamped at 13.5 V to protect the external MOSFET from
over-voltage damage.
Other protection functions include VDD Over-Voltage
Protection (OVP), and Over-Temperature Protection
(OTP). For OTP, an external NTC thermistor can be
applied to sense the ambient temperature. When VDD
OVP or OTP is activated, an internal latch circuit latches
off the controller. Protection types are shown in Table 1.
Table 1. Protection Type
Part Number
OVP
OLP
OTP / OTP2
FAN6862W
Latch
A/R
Latch
FAN6862WL
Latch
Latch
Latch
FAN6862WR
A/R
A/R
A/R
Ordering Information
Part Number
Operating
Temperature
Range
Package
Packing
Method
FAN6862WTY
-40 to +105°C
6-Lead, SOT23, JEDEC MO-178 Variation AB, 1.6 mm Wide
Tape & Reel
FAN6862WLTY
FAN6862WRTY


유사한 부품 번호 - FAN6862WTY

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN6862 FAIRCHILD-FAN6862 Datasheet
529Kb / 15P
   Highly Integrated Green-Mode PWM Controller
FAN6862 FAIRCHILD-FAN6862 Datasheet
829Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6862L FAIRCHILD-FAN6862L Datasheet
554Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6862LTY FAIRCHILD-FAN6862LTY Datasheet
554Kb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6862NY FAIRCHILD-FAN6862NY Datasheet
829Kb / 16P
   Highly Integrated Green-Mode PWM Controller
More results

유사한 설명 - FAN6862WTY

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com