전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM8S26 데이터시트(PDF) 2 Page - Socay Electornics Co., Ltd.

부품명 SM8S26
상세설명  Surface Mount Transient Voltage Suppressors (TVS)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SOCAY [Socay Electornics Co., Ltd.]
홈페이지  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SM8S26 데이터시트(HTML) 2 Page - Socay Electornics Co., Ltd.

  SM8S26 Datasheet HTML 1Page - Socay Electornics Co., Ltd. SM8S26 Datasheet HTML 2Page - Socay Electornics Co., Ltd. SM8S26 Datasheet HTML 3Page - Socay Electornics Co., Ltd. SM8S26 Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surface Mount Transient Voltage Suppressors (TVS)
Revision February 21, 2014
2 / 4
@ SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SM8S Series
10 To 43 V
6600W
SOCAY Electronics Co., Ltd.
www.socay.com
Breakdown
Voltage
VBR
(V)
Part Number
Stand-Off
Voltage
VMW
(V)
MIN.
MAX.
Test
Current
IT
(mA)
Maximum
Reverse
Leakage
at VWM
ID(µA)
Maximum
Reverse
at VWM
TJ=175°C
ID(
µA)
Maximum Peak
Pulse Current
at 10/1000
µs
Waveform
(A)
Maximum
Clamping
Voltage
at IPPM
VC (V)
SM8S10
10.0
11.1
13.6
5.0
15
250
351
18.8
SM8S10A
10.0
11.1
12.3
5.0
15
250
388
17.0
SM8S11
11.0
12.2
14.9
5.0
10
150
328
20.1
SM8S11A
11.0
12.2
13.5
5.0
10
150
363
18.2
SM8S12
12.0
13.3
16.3
5.0
10
150
300
22.0
SM8S12A
12.0
13.3
14.7
5.0
10
150
332
19.9
SM8S13
13.0
14.4
17.6
5.0
10
150
277
23.8
SM8S13A
13.0
14.4
15.9
5.0
10
150
307
21.5
SM8S14
14.0
15.6
19.1
5.0
10
150
256
25.8
SM8S14A
14.0
15.6
17.2
5.0
10
150
284
23.2
SM8S15
15.0
16.7
20.4
5.0
10
150
245
26.9
SM8S15A
15.0
16.7
18.5
5.0
10
150
270
24.4
SM8S16
16.0
17.8
21.8
5.0
10
150
229
28.8
SM8S16A
16.0
17.8
19.7
5.0
10
150
254
26.0
SM8S17
17.0
18.9
23.1
5.0
10
150
216
30.5
SM8S17A
17.0
18.9
20.9
5.0
10
150
239
27.6
SM8S18
18.0
20.0
24.4
5.0
10
150
205
32.2
SM8S18A
18.0
20.0
22.1
5.0
10
150
226
29.2
SM8S20
20.0
22.2
27.1
5.0
10
150
184
35.8
SM8S20A
20.0
22.2
24.5
5.0
10
150
204
32.4
SM8S22
22.0
24.4
29.8
5.0
10
150
168
39.4
SM8S22A
22.0
24.4
26.9
5.0
10
150
186
35.5
SM8S24
24.0
26.7
32.6
5.0
10
150
153
43.0
SM8S24A
24.0
26.7
29.5
5.0
10
150
170
38.9
SM8S26
26.0
28.9
35.3
5.0
10
150
142
46.6
SM8S26A
26.0
28.9
31.9
5.0
10
150
157
42.1
SM8S28
28.0
31.1
38.0
5.0
10
150
132
50.1
SM8S28A
28.0
31.1
34.4
5.0
10
150
145
45.4
SM8S30
30.0
33.3
40.7
5.0
10
150
123
53.5
SM8S30A
30.0
33.3
36.8
5.0
10
150
136
48.4
SM8S33
33.0
36.7
44.9
5.0
10
150
112
59.0
SM8S33A
33.0
36.7
40.6
5.0
10
150
124
53.3
SM8S36
36.0
40.0
48.9
5.0
10
150
103
64.3
SM8S36A
36.0
40.0
44.2
5.0
10
150
114
58.1
SM8S40
40.0
44.4
54.3
5.0
10
150
92.4
71.4
SM8S40A
40.0
44.4
49.1
5.0
10
150
102
64.5
SM8S43
43.0
47.8
58.4
5.0
10
150
86
76.7
SM8S43A
43.0
47.8
52.8
5.0
10
150
95.1
69.4
Note:
For all types maximum VF = 1.8V at IF = 100A measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per
minute maximum.
Electrical Characteristics (TA=25℃ unless otherwise noted)


유사한 부품 번호 - SM8S26

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SM8S26 VISHAY-SM8S26 Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
logo
Shanghai Shunye Electro...
SM8S26 SHUNYE-SM8S26 Datasheet
217Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
SM8S26 VISHAY-SM8S26 Datasheet
115Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
logo
Shanghai Semitech Semic...
SM8S26 SEMITECH-SM8S26 Datasheet
204Kb / 4P
   Surface mount package
logo
Vishay Siliconix
SM8S26 VISHAY-SM8S26 Datasheet
97Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 20-Apr-11
More results

유사한 설명 - SM8S26

제조업체부품명데이터시트상세설명
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ64CA SOCAY-SMBJ64CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ75 SOCAY-SMBJ75 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ78A SOCAY-SMBJ78A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80 SOCAY-SMBJ80 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80C SOCAY-SMBJ80C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ85 SOCAY-SMBJ85 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ90 SOCAY-SMBJ90 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com