전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

G1006 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 G1006
상세설명  Stay Connected with Heyco Bushings, Grommets, Bumpers & Feet
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

G1006 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  G1006 Datasheet HTML 1Page - List of Unclassifed Manufacturers G1006 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
“ S ta y C o n n e c te d w ith H e y c o ” Bushings, Grommets, Bumpers & Feet
5-17
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
Used to protect through holes.
Help eliminate sharp edges so your
wires are protected and add aesthetic
value to your application.
113 sizes available that will
accommodate mounting holes ranging
from .250˝ (6,4 mm) to holes as large
as 2.375˝ (60,3 mm) diameter and
panel thicknesses from .063˝ (1,6 mm)
to .188˝ (4,8 mm).
Rubber grommets are constructed of
SBR (unless otherwise noted) with an
operating temperature range of
-40°F (-40°C) to 221°F (105°C).
SBR grommets have good water
resistant characteristics and are
suitable for most moderate chemicals
and wet or dry organic acids.
Provides vibration dampening.
C
B
A
Heyco® Rubber Grommets
For Panels .063˝ (1,6 mm) Thick
MOUNTING
PART NO.
DESCRIPTION
PART DIMENSIONS
HOLE
AB
C
DIAMETER
Black
Inside
Head
Overall
Diameter
Diameter
Height
in.
mm.
in.
mm.
in.
mm.
in.
mm.
For .063˝ (1,6 mm) Thick Panels
G1004
RG 250-4-2
.125
3,2
.344
8,7
.188
4,8
.250
6,4
G1005
RG 250-5-2
.156
4,0
.375
9,5
G1006
RG 250-5-2A
.156
4,0
.438
11,1
.375
9,5
G1017
RG 312-6-2
.188
4,8
.406
10,3
.219
5,6
.312
7,9
G1018*
RG 312-6-2A
.188
4,8
.438
11,1
.188
4,8
G1019
RG 312-6-2B
.188
4,8
.500
12,7
.250
6,4
G1026
RG 312-7-2
.219
5,6
.438
11,1
.188
4,8
.375
9,5
G1037**
RG 375-8-2
.250
6,4
.563
14,3
.250
6,4
G1042
RG 375-9-2
.281
7,1
G1052
RG 437-8-2
.250
6,4
.625
15,9
.188
4,8
.437
11,1
G1053***
RG 437-8-2A
.250
6,4
.625
15,9
.313
8,0
G1061
RG 437-10-2
.313
8,0
.625
15,9
.281
7,1
.500
12,7
G1089
RG 500-12-2
.375
9,5
.625
15,9
.250
6,4
G1090
RG 500-12-2A
.375
9,5
.688
17,5
.281
7,1
.562
14,3
G1112
RG 562-10-2
.313
8,0
.813
20,7
.313
8,0
G1123
RG 562-14-2
.438
11,1
.750
19,1
.250
6,4
.625
15,9
G1130
RG 625-12-2
.375
9,5
.875
22,2
.313
8,0
G1137
RG 625-16-2
.500
12,7
.813
20,7
.281
7,1
G1150
RG 687-14-2
.438
11,1
.938
23,8
.313
8,0
.687
17,5
G1151
RG 687-14-2A
.438
11,1
.938
23,8
.348
8,8
G1155
RG 687-16-2
.500
12,7
.875
22,2
.250
6,4
G1174
RG 750-12-2
.375
9,5
1.000
25,4
.375
9,5
.750
19,1
G1176
RG 750-16-2
.500
12,7
.875
22,2
.250
6,4
G1177
RG 750-16-2A
.500
12,7
1.000
25,4
.812
20,6
G1192
RG 812-16-2
.500
12,7
1.063
27,0
.313
8,0
G1197
RG 812-18-2
.563
14,3
.875
22,2
G1208
RG 875-10-2
.313
8,0
1.375
34,9
.250
6,4
G1215
RG 875-20-2
.625
15,9
1.125
28,6
.313
8,0
G1242
RG 1000-12-2
.375
9,5
1.250
31,8
.250
6,4
1.000
25,4
G1246
RG 1000-16-2
.500
12,7
G1252
RG 1000-22-2
.688
17,5
1.313
33,4
.375
9,5
G1258
RG 1000-24-2
.750
19,1
1.250
31,8
.297
7,5
1.062
27,0
G1269
RG 1062-24-2
.750
19,1
1.375
34,9
.375
9,5
G1290
RG 1250-16-2
.500
12,7
1.500
38,1
G1294
RG 1250-20-2
.625
15,9
.250
6,4
1.250
31,8
G1298
RG 1250-24-2
.750
19,1
1.625
41,3
G1303
RG 1250-28-2
.875
22,2
1.625
41,3
.438
11,1
G1311
RG 1250-32-2
1.000
25,4
1.563
39,7
.313
8,0
1.375
34,9
G1320
RG 1375-32-2
1.000
25,4
1.750
44,5
.438
11,1
Standard color black. *Nitrile **EPDM ***Isoprene
Quick
Specs
Material
SBR (Styrene Butadiene)
Temperature Rating
-40°F (-40°C) to 221oF (105°C)


유사한 부품 번호 - G1006

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
G1006 ETC2-G1006 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
logo
Heyco.
G1006 HEYCO-G1006 Datasheet
92Kb / 1P
   Rubber Grommets
logo
Guangdong Juxing Electr...
G1006DS JUXING-G1006DS Datasheet
3Mb / 3P
   Surface Mount Standard Rectifiers
logo
DONGGUAN YOU FENG WEI E...
G1006DS YFWDIODE-G1006DS Datasheet
488Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
logo
Guangdong Juxing Electr...
G1006VS JUXING-G1006VS Datasheet
3Mb / 3P
   Surface Mount Standard Rectifiers
More results

유사한 설명 - G1006

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
G1418 ETC2-G1418 Datasheet
74Kb / 1P
   Stay Connected with Heyco Bushings, Grommets, Bumpers Feet
774 ETC2-774 Datasheet
362Kb / 1P
   GROMMETS , BUSHINGS
G1329 ETC2-G1329 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
G1423 ETC2-G1423 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
G1349 ETC2-G1349 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
logo
Heyco.
1063 HEYCO-1063 Datasheet
172Kb / 1P
   Heyco® Liquid Tight Strain Relief Bushings
1853 HEYCO-1853 Datasheet
159Kb / 1P
   Heyco® RDD Lockit™ Strain Relief Bushings – Straight-Thru
logo
Richco, Inc.
RBS-15 RICHCO-RBS-15 Datasheet
185Kb / 1P
   RICHCO BUMPERS
logo
List of Unclassifed Man...
561-MP2L10 ETC2-561-MP2L10 Datasheet
221Kb / 3P
   Strain Relief Bushings
logo
Richco, Inc.
PGSB-24 RICHCO-PGSB-24 Datasheet
137Kb / 1P
   SNAP BUSHINGS CLOSED
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com