전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FFPF05U60STTU 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FFPF05U60STTU
상세설명  High voltage and high reliability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF05U60STTU 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FFPF05U60STTU Datasheet HTML 1Page - Fairchild Semiconductor FFPF05U60STTU Datasheet HTML 2Page - Fairchild Semiconductor FFPF05U60STTU Datasheet HTML 3Page - Fairchild Semiconductor FFPF05U60STTU Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. F, September 2000
Typical Characteristics
Figure 1. Typical Forward Voltage Drop
vs. Forward Current
Figure 3. Typical Junction Capacitance
Figure 5. Typical Reverse Recovery Current
vs. di/dt
Figure 2. Typical Reverse Current
vs. Reverse Voltage
Figure 4. Typical Reverse Recovery Time
vs. di/dt
Figure 6. Forward Current Derating Curve
0.1
1
10
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T
C = 25
o
C
T
C = 100
oC
Forward Voltage , V
F [V]
0.1
1
10
100
25
50
Typical Capacitance
at 0V = 30 pF
Reverse Voltage , V
R
[V]
100
500
0
1
2
3
4
5
6
7
8
9
10
I
F = 5A
T
C = 25
o
C
di/dt [A/
µs]
100
200
300
400
500
600
1E-4
1E-3
0.01
0.1
1
10
100
T
C = 100
oC
T
C = 25
oC
Reverse Voltage , V
R [V]
100
500
30
40
50
60
70
80
90
I
F = 5A
T
C = 25
o
C
di/dt [A/
µs]
60
80
100
120
140
160
0
1
2
3
4
5
6
7
8
Case Temperature , T
C [
o
C]


유사한 부품 번호 - FFPF05U60STTU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FFPF05U60S FAIRCHILD-FFPF05U60S Datasheet
72Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
More results

유사한 설명 - FFPF05U60STTU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KSC5030F FAIRCHILD-KSC5030F Datasheet
64Kb / 5P
   High Voltage and High Reliability
KSC5321 FAIRCHILD-KSC5321 Datasheet
55Kb / 6P
   High Voltage and High Reliability
KSC5367 FAIRCHILD-KSC5367 Datasheet
56Kb / 6P
   High Voltage and High Reliability
KSC5367F FAIRCHILD-KSC5367F Datasheet
62Kb / 6P
   High Voltage and High Reliability
FJPF5021 FAIRCHILD-FJPF5021 Datasheet
57Kb / 5P
   High Voltage and High Reliability
FJP5027 FAIRCHILD-FJP5027 Datasheet
59Kb / 5P
   High Voltage and High Reliability
logo
Unisonic Technologies
2SC5027 UTC-2SC5027_10 Datasheet
55Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY
logo
Fairchild Semiconductor
FFPF30U60STTU FAIRCHILD-FFPF30U60STTU Datasheet
78Kb / 4P
   High voltage and high reliability
logo
SemiHow Co.,Ltd.
KSH5027AF SEMIHOW-KSH5027AF Datasheet
337Kb / 5P
   High Voltage and High Reliability
logo
Tiger Electronic Co.,Lt...
KSC5027 TGS-KSC5027 Datasheet
158Kb / 1P
   High Voltage and High Reliability
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com