전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA16AL-6-BW-TF3-T 데이터시트(PDF) 3 Page - Unisonic Technologies

부품명 BTA16AL-6-BW-TF3-T
상세설명  16A TRIACS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BTA16AL-6-BW-TF3-T 데이터시트(HTML) 3 Page - Unisonic Technologies

  BTA16AL-6-BW-TF3-T Datasheet HTML 1Page - Unisonic Technologies BTA16AL-6-BW-TF3-T Datasheet HTML 2Page - Unisonic Technologies BTA16AL-6-BW-TF3-T Datasheet HTML 3Page - Unisonic Technologies BTA16AL-6-BW-TF3-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BTA16A
Preliminary
TRIAC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R401-054.a
STATIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Peak On-State Voltage(Note 2)
VTM
ITM=22.5A, tp=380μs
TJ=25°C
1.55
V
Threshold Voltage(Note 2)
VTO
TJ=125°C
0.85
V
Dynamic Resistance(Note 2)
RD
TJ=125°C
25
mΩ
Repetitive Peak Off-State Current
IDRM
VDRM=VRRM
TJ=25°C
5
μA
IRRM
TJ=125°C
2
mA
Note: 1. Minimum IGT is guaranteed at 5% of IGT max.
2. For both polarities of MT2 referenced to MT1.


유사한 부품 번호 - BTA16AL-6-BW-TF3-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
BTA16AL-6-BW-TF3-T UTC-BTA16AL-6-BW-TF3-T Datasheet
195Kb / 4P
   16A TRIACS
More results

유사한 설명 - BTA16AL-6-BW-TF3-T

제조업체부품명데이터시트상세설명
logo
Tiger Electronic Co.,Lt...
BTA16-800B TGS-BTA16-800B Datasheet
142Kb / 1P
   16A TRIACS
logo
Unisonic Technologies
BTA16A UTC-BTA16A_15 Datasheet
195Kb / 4P
   16A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT16 JIEJIE-ACJT16 Datasheet
358Kb / 5P
   16A TRIACs
logo
Unisonic Technologies
BTB16A UTC-BTB16A_15 Datasheet
169Kb / 4P
   16A TRIACS
BTB16A UTC-BTB16A Datasheet
162Kb / 4P
   16A TRIACS
logo
SiPower Inc.
BTA16 SIPOWER-BTA16 Datasheet
1Mb / 6P
   16A Triacs
logo
STMicroelectronics
BTA16 STMICROELECTRONICS-BTA16 Datasheet
99Kb / 9P
   16A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST139 JIEJIE-JST139 Datasheet
394Kb / 6P
   16A TRIACs
logo
Tiger Electronic Co.,Lt...
BTB16-600B TGS-BTB16-600B Datasheet
87Kb / 1P
   16A TRIACS
logo
SiPower Inc.
BTA316X SIPOWER-BTA316X Datasheet
1Mb / 7P
   16A Triacs
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com