전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI2377EDS 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 SI2377EDS
상세설명  P-Channel 20 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2377EDS 데이터시트(HTML) 4 Page - Vishay Siliconix

  SI2377EDS Datasheet HTML 1Page - Vishay Siliconix SI2377EDS Datasheet HTML 2Page - Vishay Siliconix SI2377EDS Datasheet HTML 3Page - Vishay Siliconix SI2377EDS Datasheet HTML 4Page - Vishay Siliconix SI2377EDS Datasheet HTML 5Page - Vishay Siliconix SI2377EDS Datasheet HTML 6Page - Vishay Siliconix SI2377EDS Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
4
Document Number: 65905
S10-0542-Rev. A, 08-Mar-10
Vishay Siliconix
Si2377EDS
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
- 50
- 25
0
25
50
75
100
125
150
VGS =4.5 V,2.5 V;ID =3.2 A
VGS =1.8V;ID =1.5 A
TJ -Junction Temperature (°C)
VGS - Gate-to-Source Voltage (V)
0.00
0.03
0.06
0.09
0.12
0.15
0.18
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
ID = 3.2 A; TJ = 25 °C
ID =0.5 A; TJ =25 °C
ID = 3.2 A; TJ = 125 °C
ID =0.5 A; TJ = 125 °C
0
10
20
30
40
Time (s)
10
1000
0.1
0.01
0.001
100
1
Soure-Drain Diode Forward Voltage
Threshold Voltage
Safe Operating Area, Junction-to-Ambient
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 25 °C
TJ = 150 °C
VSD -Source-to-Drain Voltage (V)
0.3
0.4
0.5
0.6
0.7
0.8
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
100
1
0.1
1
10
100
0.01
10
0.1
TA = 25 °C
Single Pulse
100 ms
Limited byRDS(on)*
BVDSS Limited
1ms
100 µs
10 ms
1s,10s
DC


유사한 부품 번호 - SI2377EDS

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
SI2377EDS KEXIN-SI2377EDS Datasheet
1Mb / 5P
   P-Channel MOSFET
logo
Vishay Siliconix
SI2377EDS VISHAY-SI2377EDS Datasheet
204Kb / 9P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
logo
Guangdong Kexin Industr...
SI2377EDS-HF KEXIN-SI2377EDS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
logo
VBsemi Electronics Co.,...
SI2377EDS-T1-GE3 VBSEMI-SI2377EDS-T1-GE3 Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SI2377EDS-T1-GE3 VISHAY-SI2377EDS-T1-GE3 Datasheet
204Kb / 9P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI2377EDS

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com