전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMBJ11 데이터시트(PDF) 6 Page - Shenzhen Luguang Electronic Technology Co., Ltd

부품명 SMBJ11
상세설명  600 Watts Surface Mount Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
홈페이지  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMBJ11 데이터시트(HTML) 6 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMBJ11 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ11 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ11 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ11 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ11 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ11 Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
RATINGS AND CHARACTERISTIC CURVES (SMBJ SERIES)
FIG.4- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
10
100
10
100
200
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
UNIDIRECTIONAL ONLY
FIG.1- PEAK PULSE POWER RATING CURVE
0.1
1
10
100
td. PULSE WIDTH, sec.
0.1 s
1.0 s
10 s
100 s
1.0ms
10ms
0.2" sq 5.0mm COPPER PAD AREAS
2
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG. 3
T =25 C
A
0
FIG.3-
PULSE WAVEFORM
CLAMPING POWER
0
1.0
2.0
3.0
4.0
0
50
150
100
t, TIME, ms
tr=10 sec.
10/1000 sec. WAVEFORM
AS DEFINED BY R.E.A.
td
2
PEAK VALUE
lppm
HALF VALUE- lpp
PULSE WIDTH (td) is DEFINED
AS THE POINT WHERE THE PEAK
CURRENT DECAYS to 50% of lppm
FIG.5- TYPICAL JUNCTION CAPACITANCE
1
10
200
100
10
100
1000
6000
VWM, REVERSE STAND-OFF VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
VR=0
VR-RATED
STAND-OFF
VOLTAGE
20
2
FIG.2- PULSE DERATING CURVE
0
25
50
75
100
125
150
175
200
0
25
50
75
100
TA, AMBIENT TEMPERATURE. C
O
SMBJ SERIES
600 Watts Surface Mount
Transient Voltage Suppressor
http://www.luguang.cn
mail:lge@luguang.cn


유사한 부품 번호 - SMBJ11

제조업체부품명데이터시트상세설명
logo
Socay Electornics Co., ...
SMBJ11 SOCAY-SMBJ11 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMBJ11 JGD-SMBJ11 Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBJ11 MICROSEMI-SMBJ11 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
Socay Electornics Co., ...
SMBJ11 SOCAY-SMBJ11 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
DAESAN ELECTRONIC CORP.
SMBJ11 DAESAN-SMBJ11 Datasheet
709Kb / 4P
   POWER 600Watts VOLTAGE 5.0 to 188 Volts
More results

유사한 설명 - SMBJ11

제조업체부품명데이터시트상세설명
logo
Shenzhen Luguang Electr...
SMBJ LUGUANG-SMBJ_13 Datasheet
316Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Fuji Electric
P6SMB FUJI-P6SMB Datasheet
630Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SMBJ5.0 TSC-SMBJ5.0_1 Datasheet
562Kb / 5P
   600 Watts Surface Mount Transient Voltage Suppressor
P6SMB TSC-P6SMB_1 Datasheet
630Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
P6SMB_SERIES PANJIT-P6SMB_SERIES_14 Datasheet
246Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
logo
SHIKUES Electronics
SMBJ SKTECHNOLGY-SMBJ Datasheet
461Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
logo
DONGGUAN YOU FENG WEI E...
SMBFJ6.8A YFWDIODE-SMBFJ6.8A Datasheet
496Kb / 5P
   Surface mount transient voltage suppressor power 600 watts
logo
SHIKUES Electronics
P6SMB SKTECHNOLGY-P6SMB Datasheet
461Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
logo
Pan Jit International I...
P6SMAFJ5.0A PANJIT-P6SMAFJ5.0A Datasheet
116Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
logo
DONGGUAN YOU FENG WEI E...
SMBJ6.8A YFWDIODE-SMBJ6.8A Datasheet
520Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com