전자부품 데이터시트 검색엔진 |
|
SMBJ12 데이터시트(PDF) 6 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
|
SMBJ12 데이터시트(HTML) 6 Page - Shenzhen Luguang Electronic Technology Co., Ltd |
6 / 6 page RATINGS AND CHARACTERISTIC CURVES (SMBJ SERIES) FIG.4- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 1 10 100 10 100 200 NUMBER OF CYCLES AT 60Hz 8.3ms Single Half Sine Wave JEDEC Method UNIDIRECTIONAL ONLY FIG.1- PEAK PULSE POWER RATING CURVE 0.1 1 10 100 td. PULSE WIDTH, sec. 0.1 s 1.0 s 10 s 100 s 1.0ms 10ms 0.2" sq 5.0mm COPPER PAD AREAS 2 NON-REPETITIVE PULSE WAVEFORM SHOWN in FIG. 3 T =25 C A 0 FIG.3- PULSE WAVEFORM CLAMPING POWER 0 1.0 2.0 3.0 4.0 0 50 150 100 t, TIME, ms tr=10 sec. 10/1000 sec. WAVEFORM AS DEFINED BY R.E.A. td 2 PEAK VALUE lppm HALF VALUE- lpp PULSE WIDTH (td) is DEFINED AS THE POINT WHERE THE PEAK CURRENT DECAYS to 50% of lppm FIG.5- TYPICAL JUNCTION CAPACITANCE 1 10 200 100 10 100 1000 6000 VWM, REVERSE STAND-OFF VOLTAGE. (V) Tj=25 C f=1.0MHz Vsig=50mVp-p 0 VR=0 VR-RATED STAND-OFF VOLTAGE 20 2 FIG.2- PULSE DERATING CURVE 0 25 50 75 100 125 150 175 200 0 25 50 75 100 TA, AMBIENT TEMPERATURE. C O SMBJ SERIES 600 Watts Surface Mount Transient Voltage Suppressor http://www.luguang.cn mail:lge@luguang.cn |
유사한 부품 번호 - SMBJ12 |
|
유사한 설명 - SMBJ12 |