전자부품 데이터시트 검색엔진 |
|
SA-7271A 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers |
|
SA-7271A 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers |
6 / 14 page ■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request. COPAL ELECTRONICS ■ OUTLINE DIMESIONS Unless otherwise specified, tolerance: ± 0.3 (Unit: mm) ● SA-7110A (Real code) ● SA-7130A (Complementary code) <Top setting> ● SA-7110B (Real code) ● SA-7130B (Complementary code) ● SA-7110C (Real code) ● SA-7130C (Complementary code) ● SA-7150A (Real code) ● SA-7170A (Complementary code) ● SA-7150B (Real code) ● SA-7170B (Complementary code) ● SA-7150C (Real code) ● SA-7170C (Complementary code) Production date code Marking appears only with complementary code 0.6 W × 1.2 D 7.2 6 – 0.8 t = 0.15 2.54 2.54 3 0 9 1 3 2.5 Production date code A Projection Marking appears only with complementary code 0.6 W × 1.2 D 7.2 6 – 0.5 t = 0.15 2.54 2.54 2.9 0.5 A 4 ± 1 0 9 1 3 2.5 Production date code A Projection Marking appears only with complementary code 0.6 W × 1.2 D 7.2 6 – 0.5 t = 0.15 2.54 2.54 2.9 0.5 A 4 ± 1 0 F 1 3 2.5 Production date code Marking appears only with complementary code 0.6 W × 1.2 D 7.2 6 – 0.8 t = 0.15 2.54 2.54 3 0 F 1 3 2.5 Production date code Marking appears only with complementary code 0.6 W × 1.2 D 7.2 6 – 0.8 t = 0.15 2.54 2.54 3 3 2.5 0 9 1 Production date code Marking appears only with complementary code 0.6 W × 1.2 D 7.2 6 – 0.8 t = 0.15 2.54 2.54 3 3 2.5 0 F 1 SA-7000 ROTARY CODED SWITCHES (SMD) |
유사한 부품 번호 - SA-7271A |
|
유사한 설명 - SA-7271A |