전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M-986-2A1PL 데이터시트(PDF) 6 Page - Clare, Inc.

부품명 M-986-2A1PL
상세설명  MF Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CLARE [Clare, Inc.]
홈페이지  http://www.clare.com
Logo CLARE - Clare, Inc.

M-986-2A1PL 데이터시트(HTML) 6 Page - Clare, Inc.

Back Button M-986-2A1PL Datasheet HTML 2Page - Clare, Inc. M-986-2A1PL Datasheet HTML 3Page - Clare, Inc. M-986-2A1PL Datasheet HTML 4Page - Clare, Inc. M-986-2A1PL Datasheet HTML 5Page - Clare, Inc. M-986-2A1PL Datasheet HTML 6Page - Clare, Inc. M-986-2A1PL Datasheet HTML 7Page - Clare, Inc. M-986-2A1PL Datasheet HTML 8Page - Clare, Inc. M-986-2A1PL Datasheet HTML 9Page - Clare, Inc. M-986-2A1PL Datasheet HTML 10Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.clare.com
6
M-986-2A1
Rev. 3
Serial Port Timing
Parameter
Min
Nom
Max
Unit
t
d (CH-FR)
Internal framing delay from SCLK rising edge
-
-
70
ns
t
d (DX1-CL)
DX bit 1 valid before SCLK falling edge
20
-
-
ns
t
d (DX2-CL)
DX bit 2 valid before SCLK falling edge
20
-
-
ns
t
h (DX)
DX hold time after SCLK falling edge
244
-
-
ns
t
su (DR)
DR setup time before SCLK falling edge
20
-
-
ns
t
h (DR)
DR hold time after SCLK falling edge
20
-
-
ns
t
c (SCLK)
Serial port clock cycle time
399
488.28
4770
ns
t
f (SCLK)
Serial port clock fall time
-
-
30
ns
t
r (SCLK)
Serial port clock rise time
-
-
30
ns
t
w (SCLKL)
Serial port clock low-pulse duration*
220
244.14
2500
ns
t
w (SCLKH)
Serial port clock high-pulse duration*
220
244.14
2500
ns
t
su (FS)
FSX/FSR setup time before SCLK falling edge
100
-
-
ns
* The duty cycle of the serial port clock must be within 45% to 55%.
External Frequency Specifications
Parameter
Min
Nom
Max
Unit
t
C(MC)
Master clock cycle time
48.818
48.828
48.838
ns
t
r(MC)
Rise time master clock input
-
5
10
ns
t
f(MC)
Pulse duration master clock
20
-
-
ns
Recommended Operating Conditions
Parameter
Min
Nom
Max
Unit
V
CC
Supply voltage
4.75
5
5.25
V
V
SS
Supply voltage
-
0
-
V
V
IH
High-level input voltage
All inputs except CLKIN
2
-
-
V
CLKIN
3
-
-
V
MC/PM
2.2
-
-
V
V
IL
Low-level input voltage
All inputs except MC/MP
-
-
0.8
V
MC/MP
-
-
0.6
V
I
OH
High-level output current (all outputs)
-
-
-300
µA
I
OL
Low-level output current (all outputs)
-
-
2
mA
T
A
Operating free-air temperature
0
-
70
˚C


유사한 부품 번호 - M-986-2A1PL

제조업체부품명데이터시트상세설명
logo
Clare, Inc.
M-986-2R2 CLARE-M-986-2R2 Datasheet
520Kb / 13P
   MFC Transceivers
M-986-2R2P CLARE-M-986-2R2P Datasheet
520Kb / 13P
   MFC Transceivers
M-986-2R2PL CLARE-M-986-2R2PL Datasheet
520Kb / 13P
   MFC Transceivers
More results

유사한 설명 - M-986-2A1PL

제조업체부품명데이터시트상세설명
logo
GS Yuasa Battery Sales ...
MF038 GSYUASABATTERY-MF038 Datasheet
289Kb / 1P
   GS MF Battery
MF049 GSYUASABATTERY-MF049 Datasheet
260Kb / 1P
   GS MF Battery
logo
Rosenberger Hochfrequen...
L99-838-500 ROSENBERGER-L99-838-500 Datasheet
772Kb / 2P
   MF CABLE ASSEMBLY
L99-838-1500 ROSENBERGER-L99-838-1500 Datasheet
772Kb / 2P
   MF CABLE ASSEMBLY
L99-839-500 ROSENBERGER-L99-839-500 Datasheet
124Kb / 2P
   MF CABLE ASSEMBLY
logo
GS Yuasa Battery Sales ...
MF072 GSYUASABATTERY-MF072 Datasheet
284Kb / 1P
   GS MF Battery
logo
Sonardyne sound in dept...
7800 SONARDYNE-7800 Datasheet
86Kb / 2P
   Compatt Mk4 MF (Discontinued)
logo
List of Unclassifed Man...
A220D ETC-A220D Datasheet
112Kb / 1P
   FM-MF ZESILOVAC DEMODULATOR
logo
Clare, Inc.
M-993 CLARE-M-993 Datasheet
140Kb / 6P
   Region 1 MF Tone Generator
logo
Token Electronics Indus...
MF-2514W100RBP TOKEN-MF-2514W100RBP Datasheet
346Kb / 3P
   MF Metal Film Precision Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com