전자부품 데이터시트 검색엔진 |
|
4-1470359-0 데이터시트(PDF) 20 Page - Tyco Electronics |
|
4-1470359-0 데이터시트(HTML) 20 Page - Tyco Electronics |
20 / 32 page 20 Catalog 1-1773440-6 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 05-06 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are standard equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 FPC Connector Family Product Dimensions (Continued) 1.0 mm, FFC Connector, Through-Hole, Vertical Lead Free 84984 Material and Finish Housing — Glass filled PBT, white color Contact — Phosphor bronze Technical Documents Product Specification — 108-51058 Min. H F Typ. 1.00 [.039] 2 Plcs. 1.00 [.039] Typ. 0.70 [.028] 0.30 [.012] 3.70 [.146] Recommended FPC Layout E G H 1.00 [.039] 1.00 [.039] 3.00 [.118] Circuit No. 1 Kink Contacts Kink Contacts Typ. 0.40 [.016] Typ. 2.00 [.079] 2.00 [.079] Ø 0.80 [.031] H 1.00 [.039] Circuit No. 1 Housing Outline Recommended PCB Layout 1.60 [.063] Thickness (For Even Position Connectors) 2.00 [.079] 2.00 [.079] Ø 0.80 [.031] H 1.00 [.039] Circuit No. 1 Circuit No. 1 Housing Outline Recommended PCB Layout 1.60 [.063] Thickness (For Odd Position Connectors) |
유사한 부품 번호 - 4-1470359-0 |
|
유사한 설명 - 4-1470359-0 |