전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-440347-0 데이터시트(PDF) 26 Page - Tyco Electronics

부품명 4-440347-0
상세설명  FPC Connector Family
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

4-440347-0 데이터시트(HTML) 26 Page - Tyco Electronics

Back Button 4-440347-0 Datasheet HTML 22Page - Tyco Electronics 4-440347-0 Datasheet HTML 23Page - Tyco Electronics 4-440347-0 Datasheet HTML 24Page - Tyco Electronics 4-440347-0 Datasheet HTML 25Page - Tyco Electronics 4-440347-0 Datasheet HTML 26Page - Tyco Electronics 4-440347-0 Datasheet HTML 27Page - Tyco Electronics 4-440347-0 Datasheet HTML 28Page - Tyco Electronics 4-440347-0 Datasheet HTML 29Page - Tyco Electronics 4-440347-0 Datasheet HTML 30Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
26
Catalog 1-1773440-6
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 05-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
FPC Connector Family
Product Dimensions (Continued)
1.25 mm, FFC Connector,
Vertical
Lead Free
84534
Material and Finish
Housing — Glass filled PBT, white
color
Contact — Phosphor bronze
Technical Documents
Product Specification — 108-51021
2 Plcs.
H
1.25
[.049]
1.25
[.049]
0.80
[.031]
F
5.50
[.217]
10.00
[.394]
0.30
[.012]
Recommended FFC Layout
G
1.25
[.049]
2.50
[.098]
H
E
Position No. 1
Marker
7.80
[.307]
3.20
[.126]
4.80
[.189]
0.60
[.024]
Position No. 1
H
1.25
[.049]
Ø 0.85
[.033]
2.50
[.098]
2.50
[.098]
Recommended PCB Layout


유사한 부품 번호 - 4-440347-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
4-440347-0 MACOM-4-440347-0 Datasheet
662Kb / 32P
   FPC Connector Family
More results

유사한 설명 - 4-440347-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
1-1734742-8 MACOM-1-1734742-8 Datasheet
643Kb / 32P
   FPC Connector Family
1-1734742-2 MACOM-1-1734742-2 Datasheet
643Kb / 32P
   FPC Connector Family
1-84533-5 MACOM-1-84533-5 Datasheet
643Kb / 32P
   FPC Connector Family
1-1734742-3 MACOM-1-1734742-3 Datasheet
643Kb / 32P
   FPC Connector Family
487952 MACOM-487952 Datasheet
662Kb / 32P
   FPC Connector Family
logo
Molex Electronics Ltd.
FFC-FPC MOLEX11-FFC-FPC Datasheet
7Mb / 1P
   FFC-FPC SMT Family Overview
502250-1791 MOLEX-502250-1791 Datasheet
1Mb / 2P
   FPC Connector
501912-1590 MOLEX-501912-1590 Datasheet
460Kb / 2P
   FPC Connector
logo
Japan Aviation Electron...
FA10 JAE-FA10 Datasheet
1Mb / 6P
   0.5mm Pitch FPC Connector
logo
Newhaven Display Intern...
MOLEX52745-0496 NEWHAVEN-MOLEX52745-0496 Datasheet
161Kb / 9P
   PITCH FPC CONNECTOR series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com