전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFB3207PBF 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRFB3207PBF
상세설명  High Efficiency Synchronous Rectification in SMPS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFB3207PBF 데이터시트(HTML) 4 Page - International Rectifier

  IRFB3207PBF Datasheet HTML 1Page - International Rectifier IRFB3207PBF Datasheet HTML 2Page - International Rectifier IRFB3207PBF Datasheet HTML 3Page - International Rectifier IRFB3207PBF Datasheet HTML 4Page - International Rectifier IRFB3207PBF Datasheet HTML 5Page - International Rectifier IRFB3207PBF Datasheet HTML 6Page - International Rectifier IRFB3207PBF Datasheet HTML 7Page - International Rectifier IRFB3207PBF Datasheet HTML 8Page - International Rectifier IRFB3207PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
IRF/B/S/SL3207PbF
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 10. Drain-to-Source Breakdown Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 11. Typical COSS Stored Energy
Fig 9. Maximum Drain Current vs.
Case Temperature
Fig 12. Maximum Avalanche Energy Vs. DrainCurrent
-60 -40 -20
0
20 40 60 80 100 120 140 160 180
TJ , Junction Temperature (°C)
70
80
90
100
20
30
40
50
60
70
80
VDS, Drain-to-Source Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
25
50
75
100
125
150
175
Starting TJ, Junction Temperature (°C)
0
1000
2000
3000
4000
I D
TOP
12A
16A
BOTTOM
75A
0.2
0.4
0.6 0.8
1.0
1.2 1.4
1.6
1.8 2.0
2.2
VSD, Source-to-Drain Voltage (V)
0.1
1.0
10.0
100.0
1000.0
TJ = 25°C
TJ = 175°C
VGS = 0V
1
10
100
1000
VDS , Drain-toSource Voltage (V)
0.1
1
10
100
1000
10000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100µsec
DC
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
50
100
150
200
Limited By Package


유사한 부품 번호 - IRFB3207PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFB3207PBF IRF-IRFB3207PBF Datasheet
383Kb / 12P
   HEXFET짰Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com