전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU4825FVE-TR 데이터시트(PDF) 10 Page - Rohm

부품명 BU4825FVE-TR
상세설명  Low Voltage Standard CMOS Voltage Detector ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BU4825FVE-TR 데이터시트(HTML) 10 Page - Rohm

Back Button BU4825FVE-TR Datasheet HTML 6Page - Rohm BU4825FVE-TR Datasheet HTML 7Page - Rohm BU4825FVE-TR Datasheet HTML 8Page - Rohm BU4825FVE-TR Datasheet HTML 9Page - Rohm BU4825FVE-TR Datasheet HTML 10Page - Rohm BU4825FVE-TR Datasheet HTML 11Page - Rohm BU4825FVE-TR Datasheet HTML 12Page - Rohm BU4825FVE-TR Datasheet HTML 13Page - Rohm BU4825FVE-TR Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Datasheet
10/13
BU48xx series
BU49xx series
TSZ02201-0R7R0G300060-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
03.Feb.2014 Rev.010
www.rohm.com
TSZ22111・15・001
●Application Information
Explanation of Operation
For both the open drain type(Fig.12)and the CMOS output type(Fig.13), the detection and release voltages are used as
threshold voltages. When the voltage applied to the VDD pins reaches the applicable threshold voltage, the VOUT terminal
voltage switches from either “High” to “Low” or from “Low” to “High”. Because the BU48xx series uses an open drain output
type, it is possible to connect a pull-up resistor to VDD or another power supply [The output “High” voltage (VOUT) in this
case becomes VDD or the voltage of the other power supply].
Fig.12 (BU48xx type internal block diagram)
Fig.13 (BU49xx type internal block diagram)
Reference Data
Examples of Output rising value(tPLH)and Output falling value(tPHL)
Part Number
tPLH[µs]
tPHL[µs]
BU4845
23.3
275.9
BU4945
3.5
354.3
VDD=4.3V
5.1V
VDD=5.1V
4.3V
* This data is for reference only.
This figure will vary with the application, so please confirm actual operation conditions before use.
Timing Waveforms
Example:The following shows the relationship between the input voltage VDD, the CT Terminal Voltage VCT and the output
voltage VOUT when the input power supply voltage VDD is made to sweep up and sweep down (The circuits are those in
Fig.12 and 13).
①When the power supply is turned on, the output is unsettled
from after over the operating limit voltage (VOPL) until tPHL.
Therefore it is possible that the reset signal is not outputted
when the rise time of VDD is faster than tPHL.
②When VDD is greater than VOPL but less than the reset release
voltage (VDET + VDET), output (VOUT) voltages will switch to L.
③If VDD exceeds the reset release voltage (VDET + VDET), then
VOUT switches from L to H (with a delay of tPLH).
④If VDD drops below the detection voltage (VDET) when the
power supply is powered down or when there is a power
supply fluctuation, VOUT switches to L (with a delay of tPHL).
⑤The potential deference between the detection voltage and the
release voltage is known as the hysteresis width (VDET). The
system is designed such that the output does not flip-flop with
power
supply
fluctuations
within
this
hysteresis
width,
preventing malfunctions due to noise.
Q1
Vref
R1
R2
R3
VOUT
VDD
GND
RL
VDD
RESET
Q2
Q1
Vref
R1
R2
R3
VOUT
VDD
GND
RESET
VDD
VDET+ΔVDET
VDET
VOPL
0V
tPHL
VOUT
tPLH
tPHL
tPLH
VOL
VOH
Fig.14
Timing Waveforms


유사한 부품 번호 - BU4825FVE-TR

제조업체부품명데이터시트상세설명
logo
Rohm
BU4825FVE-TR ROHM-BU4825FVE-TR Datasheet
1Mb / 19P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4825FVE-TR ROHM-BU4825FVE-TR Datasheet
407Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4825FVE-TR ROHM-BU4825FVE-TR Datasheet
483Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4825FVE-TR ROHM-BU4825FVE-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
More results

유사한 설명 - BU4825FVE-TR

제조업체부품명데이터시트상세설명
logo
Rohm
BU48XXG ROHM-BU48XXG_11 Datasheet
290Kb / 9P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4842F-TR ROHM-BU4842F-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4815G-TR ROHM-BU4815G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU48XX ROHM-BU48XX Datasheet
1Mb / 19P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4811G-TR ROHM-BU4811G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4836F-TR ROHM-BU4836F-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4809G-TR ROHM-BU4809G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4825F-TR ROHM-BU4825F-TR Datasheet
407Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4830F-TR ROHM-BU4830F-TR Datasheet
483Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4848 ROHM-BU4848_13 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com