전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

X0405L-6-TD3-T 데이터시트(PDF) 3 Page - Unisonic Technologies

부품명 X0405L-6-TD3-T
상세설명  4A SCR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

X0405L-6-TD3-T 데이터시트(HTML) 3 Page - Unisonic Technologies

  X0405L-6-TD3-T Datasheet HTML 1Page - Unisonic Technologies X0405L-6-TD3-T Datasheet HTML 2Page - Unisonic Technologies X0405L-6-TD3-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
X0405
Preliminary
SCR
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R301-021.a
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


유사한 부품 번호 - X0405L-6-TD3-T

제조업체부품명데이터시트상세설명
logo
Zibo Seno Electronic En...
X0405 ZSELEC-X0405 Datasheet
264Kb / 4P
   4A SCRs
logo
DONGGUAN YOU FENG WEI E...
X0405 YFWDIODE-X0405 Datasheet
621Kb / 4P
   4A gate-level sensitive one-way thyristor
logo
Inchange Semiconductor ...
X0405 ISC-X0405 Datasheet
267Kb / 2P
   isc Thyristors
logo
STMicroelectronics
X0405BE STMICROELECTRONICS-X0405BE Datasheet
677Kb / 6P
   SENSITINE GATE SCR
X0405BF STMICROELECTRONICS-X0405BF Datasheet
677Kb / 6P
   SENSITINE GATE SCR
More results

유사한 설명 - X0405L-6-TD3-T

제조업체부품명데이터시트상세설명
logo
First Silicon Co., Ltd
C106DB FS-C106DB Datasheet
511Kb / 2P
   Silicon Planar PNPN Thyristor (4A SCR)
C106M-Z FS-C106M-Z Datasheet
558Kb / 2P
   Silicon Planar PNPN Thyristor (4A SCR)
C106B FS-C106B Datasheet
516Kb / 2P
   Silicon Planar PNPN Thyristor (4A SCR)
MCR703A FS-MCR703A Datasheet
550Kb / 2P
   Silicon Planar PNPN Thyristor (4A SCR)
2022. 03. 29 Revision No : 0
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
   SCR / SCR and SCR / DIODE
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
logo
STMicroelectronics
TYN682 STMICROELECTRONICS-TYN682 Datasheet
59Kb / 4P
   SCR
BTW69 STMICROELECTRONICS-BTW69 Datasheet
74Kb / 5P
   SCR
logo
Unisonic Technologies
X0202-TO-92 UTC-X0202-TO-92 Datasheet
169Kb / 4P
   SCR
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com