전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si5350C-A-GT 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 Si5350C-A-GT
상세설명  Factory-Programmable Any-Frequency CMOS Clock Generator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

Si5350C-A-GT 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  Si5350C-A-GT Datasheet HTML 1Page - List of Unclassifed Manufacturers Si5350C-A-GT Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Copyright © 2010 by Silicon Laboratories
10.20.10
Control
Logic
P0
P1
VDDO
R0
R1
CLK0
CLK1
R2
CLK2
MultiSynth
0
MultiSynth
1
MultiSynth
2
VDD
GND
10-MSOP
OSC
XA
XB
PLL
A
PLL
B
Control
Logic
P2
P3
P4
P0
P1
R0
R1
CLK0
CLK1
VDDOA
R2
R3
CLK2
CLK3
VDDOB
R4
R5
CLK4
CLK5
VDDOC
R6
R7
CLK6
CLK7
VDDOD
MultiSynth
0
MultiSynth
1
MultiSynth
2
MultiSynth
3
MultiSynth
4
MultiSynth
5
MultiSynth
6
MultiSynth
7
VDD
GND
20-QFN, 24-QSOP
OSC
XA
XB
PLL
A
PLL
B
Si5350/51
Factory-Programmable Any-Frequency CMOS Clock Generator
Description
The Si5350/51 are highly flexible, programmable clock
generators that can be customized to generate up to
eight independent non-integer-related frequencies. The
device has eight CMOS clock outputs offered in a space
saving 4 mm x 4 mm 20-QFN and a 24-QSOP package,
or three clock outputs offered in a 10-MSOP package.
Each output has an independent MultiSynth™ fractional
divider that accepts a high-frequency reference from
one of the device’s internal PLLs and accurately divides
down the clock to generate unique, non-integer-related
frequencies from 8 kHz to 133 MHz. Any combination of
output frequencies can be generated by the device. All
clocks are generated with 0 ppm frequency synthesis
error, enabling the replacement of XOs and PLL-based
clocks while simplifying design and minimizing cost. As
an added feature, the Si5350/51 features an integrated
VCXO which eliminates the need for pullable crystals.
The Si5350 features configurable control pin options
allowing the direct pin control of frequency select,
output
enable,
spread
spectrum
enable
and
powerdown. Each outputs supports 2.5 or 3.3 V
operation, eliminating the need for external level
translators in mixed-supply applications.
Features
- Generates any frequency on any output
- 8 kHz to 133 MHz
- Exact clock synthesis: 0 ppm error
- Similar frequency flexibility as 8 independent PLLs
- Accepts crystal or external reference clock
- <100 ps period jitter for any configuration
- Glichless switching between output frequencies
- Integrated VCXO eliminates need for pullable
crystal
- Si5350 (pin) and Si5351 (I
2C) versions
- User-definable control pins:
- Frequency select, output enable, spread spectrum
enable, powerdown
- Spread spectrum clock generation
- –0.1 to –2.5% down, ±0.1 to ±1.5% center
- Factory and field-programmable versions
- Two week sample lead time for any custom clock
- Small size: 4 mm x 4 mm 20-QFN, 24-QSOP and
10-MSOP
- Industrial temperature range: –40 to +85
Applications
- HDTV, DVD/Blu-ray, set-top box
- Audio/video equipment, gaming
- Printers, scanners, projectors
- Audio DAC/CODEC
- USB Audio
- Residential gateways
- Networking/communication
- Servers, storage


유사한 부품 번호 - Si5350C-A-GT

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5350C-B SILABS-SI5350C-B Datasheet
1Mb / 31P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Si5350C-B SILABS-Si5350C-B Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Skyworks Solutions Inc.
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 39P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Rev. 1.2
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
Rev. 1.2
More results

유사한 설명 - Si5350C-A-GT

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5350 SILABS-SI5350 Datasheet
69Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5350A-B SILABS-SI5350A-B Datasheet
1Mb / 29P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
List of Unclassifed Man...
SI5351B-B-GM ETC2-SI5351B-B-GM Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
logo
Skyworks Solutions Inc.
SI5350A-B SKYWORKS-SI5350A-B Datasheet
1Mb / 39P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI5350C-B SILABS-SI5350C-B Datasheet
1Mb / 31P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
SI5350B-B SILABS-SI5350B-B Datasheet
1Mb / 32P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
logo
Silicon Laboratories
SI5350B SILABS-SI5350B Datasheet
280Kb / 24P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Skyworks Solutions Inc.
SI5350B-B SKYWORKS-SI5350B-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
Rev. 1.2
logo
Silicon Laboratories
SI5351A-B SILABS-SI5351A-B Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com