전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLR2908PBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRLR2908PBF
상세설명  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLR2908PBF 데이터시트(HTML) 2 Page - International Rectifier

  IRLR2908PBF Datasheet HTML 1Page - International Rectifier IRLR2908PBF Datasheet HTML 2Page - International Rectifier IRLR2908PBF Datasheet HTML 3Page - International Rectifier IRLR2908PBF Datasheet HTML 4Page - International Rectifier IRLR2908PBF Datasheet HTML 5Page - International Rectifier IRLR2908PBF Datasheet HTML 6Page - International Rectifier IRLR2908PBF Datasheet HTML 7Page - International Rectifier IRLR2908PBF Datasheet HTML 8Page - International Rectifier IRLR2908PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRLR/U2908PbF
2
www.irf.com
S
D
G
S
D
G
Notes
 through ˆ are on page 11
HEXFET® is a registered trademark of International Rectifier.
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
80
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.085
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
22.5
28
m
–––
25
30
VGS(th)
Gate Threshold Voltage
1.0
–––
2.5
V
gfs
Forward Transconductance
35
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
Qg
Total Gate Charge
–––
22
33
nC
Qgs
Gate-to-Source Charge
–––
6.0
9.1
Qgd
Gate-to-Drain ("Miller") Charge
–––
11
17
td(on)
Turn-On Delay Time
–––
12
–––
ns
tr
Rise Time
–––95–––
td(off)
Turn-Off Delay Time
–––
36
–––
tf
Fall Time
–––55–––
LD
Internal Drain Inductance
–––
4.5
–––
nH
Between lead,
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
and center of die contact
Ciss
Input Capacitance
–––
1890
–––
pF
Coss
Output Capacitance
–––
260
–––
Crss
Reverse Transfer Capacitance
–––
35
–––
Coss
Output Capacitance
–––
1920
–––
Coss
Output Capacitance
–––
170
–––
Coss eff.
Effective Output Capacitance
–––
310
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
39
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
150
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
75
110
ns
Qrr
Reverse Recovery Charge
–––
210
310
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
VDS = 64V
VGS = 4.5V
ƒ = 1.0MHz, See Fig. 5
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 4.5V
f
MOSFET symbol
VGS = 0V
VDS = 25V
VGS = 0V, VDS = 64V, ƒ = 1.0MHz
Conditions
VGS = 0V, VDS = 0V to 64V
TJ = 25°C, IF = 23A, VDD = 25V
di/dt = 100A/µs
f
TJ = 25°C, IS = 23A, VGS = 0V f
showing the
integral reverse
p-n junction diode.
VDS = VGS, ID = 250µA
VDS = 80V, VGS = 0V
VDS = 80V, VGS = 0V, TJ = 125°C
RG = 8.3
ID = 23A
VDS = 25V, ID = 23A
VDD = 40V
ID = 23A
VGS = 16V
VGS = -16V
VGS = 4.5V, ID = 20A
f
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 23A
f


유사한 부품 번호 - IRLR2908PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLR2908PBF IRF-IRLR2908PBF Datasheet
325Kb / 12P
   HEXFET짰 Power MOSFET
IRLR2908PBF IRF-IRLR2908PBF Datasheet
340Kb / 11P
   Advanced Process Technology
IRLR2908PBF IRF-IRLR2908PBF_15 Datasheet
340Kb / 11P
   Advanced Process Technology
More results

유사한 설명 - IRLR2908PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com