전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CB04YTYN801 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 CB04YTYN801
상세설명  Multilayer Ferrite Chip Bead Inductor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

CB04YTYN801 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  CB04YTYN801 Datasheet HTML 1Page - List of Unclassifed Manufacturers CB04YTYN801 Datasheet HTML 2Page - List of Unclassifed Manufacturers CB04YTYN801 Datasheet HTML 3Page - List of Unclassifed Manufacturers CB04YTYN801 Datasheet HTML 4Page - List of Unclassifed Manufacturers CB04YTYN801 Datasheet HTML 5Page - List of Unclassifed Manufacturers CB04YTYN801 Datasheet HTML 6Page - List of Unclassifed Manufacturers CB04YTYN801 Datasheet HTML 7Page - List of Unclassifed Manufacturers CB04YTYN801 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev Date: 03/30/2011
1
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CB Series
Multilayer Ferrite Chip Bead Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
Standard chip bead used to suppress lower frequency and
lower current signals
Offers impedance over a broad frequency range
High current option available up to 6A
Suitable for flow and reflow soldering
Available in 8 sizes
For inductance values outside those listed in the datasheet,
contact factory
Find Frequency Curves, Environmental and Packaging
specifications in related supplemental documents
Applications:
DC power lines
RF transceiver modules
Computer and peripheral products
Communication appliances
Cellular phones
I/O ports
Signal lines
Bluetooth module
CB02
6 - 600 Ω
500 - 100 mA
CB02
10 Ω
1000 mA
CB03
11 - 2700 Ω
500 - 50 mA
CB03
11 - 1000 Ω
4000 - 800 mA
CB05
7 - 2700 Ω
600 - 100 mA
CB05
11 - 1000 Ω
6000 - 1500 mA
CB04
19 - 2700 Ω
600 - 200 mA
CB04
19 - 1500 Ω
6000 - 800 mA
CB06
25 - 70 Ω
500 mA
-
-
-
CB10
32 - 90 Ω
500 mA
CB10
60 - 90 Ω
4000 - 3000 mA
CB08
50 - 170 Ω
600 - 500 mA
CB08
50 - 150 Ω
6000 - 2000 mA
CB12
70 - 120 Ω
500 mA
CB12
70 - 120 Ω
6000 - 4000 mA
General Purpose and High Q
High Current
Impedance and Current Ranges
Size
Code
Code
Code
Type
CB
02
Code
Y
H
High
Code
Inductance
03
Y
Q
N
General
9R00
9 Ohm
05
11R0
11 Ohm
04
450R
450 Ohm
06
1K50
1500 Ohm
10
08
12
1812
Tape & Reel
T
Type
ui : 200
ui : 75
Quantity
10,000
4,000
3,000
1204
1206
1210
1808
2,000
2,500
1,000
1812
1206, 1808
1210
0402
Four characters with
the multiplier used as
the decimal holder.
0603
25%
0603, 0805
0805
1204
Ferrite Bead
0402
Tol
Product Series
Code
Tolerance
Description
Size
Inductance
Inductance Value
How to Order
1234
5678
9
10
11
12
13
14
C
B
0
805
Y
T
Y
N
11
R
0
Legacy Part Number (before January 3, 2011):
Type
Description
Code
EIA
Code Tolerance
Code
Type
Code
Type
Code
Type
Code Impedance
CB
Ferrite Bead
02
0402
Y
±25%
T
Tape & Reel
Y
ui : 200
H
High
090
9Ω
03
0603
Q
ui : 75
N
General
110
11Ω
05
0805
451
450Ω
04
1204
152
1500Ω
06
1206
10
1210
08
1808
12
1812
CB
SEI Type
Dimensions
05
Tolerance
Y
Packaging
T
Impedance
110
D esign Code
Y
Current
N


유사한 부품 번호 - CB04YTYN801

제조업체부품명데이터시트상세설명
logo
AVX Corporation
CB042D0274 AVX-CB042D0274 Datasheet
744Kb / 10P
   Film Chip Capacitors PET-HT DIELECTRIC ??CB Series
CB042D0334 AVX-CB042D0334 Datasheet
744Kb / 10P
   Film Chip Capacitors PET-HT DIELECTRIC ??CB Series
CB042D0394 AVX-CB042D0394 Datasheet
744Kb / 10P
   Film Chip Capacitors PET-HT DIELECTRIC ??CB Series
CB042D0474 AVX-CB042D0474 Datasheet
744Kb / 10P
   Film Chip Capacitors PET-HT DIELECTRIC ??CB Series
CB042D0564 AVX-CB042D0564 Datasheet
744Kb / 10P
   Film Chip Capacitors PET-HT DIELECTRIC ??CB Series
More results

유사한 설명 - CB04YTYN801

제조업체부품명데이터시트상세설명
logo
Stackpole Electronics, ...
FB_SERIES SEI-FB_SERIES Datasheet
762Kb / 17P
   Multilayer Ferrite Chip Bead Inductor
04/28/2020
logo
List of Unclassifed Man...
BF-LC100505-100Y-T ETC2-BF-LC100505-100Y-T Datasheet
24Kb / 1P
   Multilayer Ferrite Chip Bead
BF-NB100505-060Y-T ETC2-BF-NB100505-060Y-T Datasheet
27Kb / 1P
   Multilayer Ferrite Chip Bead
logo
Caliber Electronics Inc...
BF-SB100505 CALIBER-BF-SB100505 Datasheet
31Kb / 1P
   Multilayer Ferrite Chip Bead
logo
Abracon Corporation
ACML-0402 ABRACON-ACML-0402 Datasheet
2Mb / 3P
   MULTILAYER FERRITE CHIP BEAD
01.03.13
ACML-0603 ABRACON-ACML-0603 Datasheet
2Mb / 4P
   MULTILAYER FERRITE CHIP BEAD
01.19.14
logo
Caliber Electronics Inc...
BF-NB100505 CALIBER-BF-NB100505 Datasheet
28Kb / 1P
   Multilayer Ferrite Chip Bead
BF-LC100505 CALIBER-BF-LC100505 Datasheet
25Kb / 1P
   Multilayer Ferrite Chip Bead
logo
List of Unclassifed Man...
BF-SB100505-121Y-T ETC2-BF-SB100505-121Y-T Datasheet
30Kb / 1P
   Multilayer Ferrite Chip Bead
ZFB-0603H-121N ETC-ZFB-0603H-121N Datasheet
284Kb / 13P
   Multilayer Ferrite Chip Bead
V 1.2
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com