전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM02B-GHS-TB 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 SM02B-GHS-TB
상세설명  1.25mm pitch/Disconnectable Crimp style connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SM02B-GHS-TB 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  SM02B-GHS-TB Datasheet HTML 1Page - List of Unclassifed Manufacturers SM02B-GHS-TB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GH CONNECTOR
6.25
7.50
8.75
10.00
11.25
12.50
13.75
15.00
16.25
18.75
20.00
3.75
5.00
2.50
3.75
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
1.25
5.00
6.25
7.50
8.75
10.00
11.25
12.50
13.75
17.50
15.00
16.25
17.50
AB
2
3
4
5
6
7
8
9
10
11
12
13
14
15
GHR-02V-S
GHR-03V-S
GHR-04V-S
GHR-05V-S
GHR-06V-S
GHR-07V-S
GHR-08V-S
GHR-09V-S
GHR-10V-S
GHR-11V-S
GHR-12V-S
GHR-13V-S
GHR-14V-S
GHR-15V-S
Material
PBT, UL94V-0, natural (white)
Circuits
Model No
Dimensions (mm)
Q'ty /
bag
AB
8.25
3.75
BM04B-GHS-TBT
4
9.50
5.00
5
10.75
6.25
6
12.00
7.50
7
13.25
8.75
8
14.50
10.00
9
15.75
11.25
10
17.00
12.50
11
18.25
13.75
12
20.75
16.25
14
22.00
17.50
SM04B-GHS-TB
7.00
2.50
BM03B-GHS-TBT
3
SM03B-GHS-TB
5.75
1.25
BM02B-GHS-TBT
2
SM02B-GHS-TB
BM05B-GHS-TBT
SM05B-GHS-TB
BM06B-GHS-TBT
SM06B-GHS-TB
BM07B-GHS-TBT
SM07B-GHS-TB
BM08B-GHS-TBT
SM08B-GHS-TB
BM09B-GHS-TBT
SM09B-GHS-TB
BM10B-GHS-TBT
SM10B-GHS-TB
BM11B-GHS-TBT
SM11B-GHS-TB
BM12B-GHS-TBT
SM12B-GHS-TB
19.50
15.00
13
BM13B-GHS-TBT
SM13B-GHS-TB
BM14B-GHS-TBT
SM14B-GHS-TB
BM15B-GHS-TBT
SM15B-GHS-TB
15
2,500
2,500
2,500
2,500
2,500
2,500
2,500
2,500
2,500
2,500
2,500
2,500
2,500
2,500
Model No.
Circuits
Dimensions (mm)
Q'ty /
reel
Top entry type
Side entry type
Material and Finish
Contact: Phosphor bronze, copper-undercoated, tin-plated (reflow treatment)
Housing: PA9T, UL94V-0, natural (ivory)
Solder tab: Brass, copper-undercoated, tin-plated
1.25
A
B
2.65
4.15
4.25
0.7
A
B
1.25
0.2
4.05
0.8
A
B
1.25
1.75
0.2
Top entry type
Side entry type
Housing
RoHS compliance
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
GHR-04V-S-
S…natural LE…light blue TR…tomato red K…black E…blue
O…orange L…lemon yellow MG…moss green
Shrouded header
RoHS compliance This product displays (LF)(SN) on a label.
Note: Contact JST for gold-plated products.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
BM04B-GHS-TBT-
S…natural (ivory) LE…light blue TR…tomato red K …black
E…blue O…orange L…lemon yellow MG…moss green
2


유사한 부품 번호 - SM02B-GHS-TB

제조업체부품명데이터시트상세설명
logo
JST Mfg. Co., Ltd.
SM02B-GHS-TB JST-SM02B-GHS-TB Datasheet
842Kb / 5P
   1.25 mm pitch/Disconnectable Crimp style connectors
More results

유사한 설명 - SM02B-GHS-TB

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
EHR-15 ETC1-EHR-15 Datasheet
142Kb / 6P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com