전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU-102BK-2 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 BU-102BK-2
상세설명  Insulated Battery Clip has Kelvinized isolated jaws
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

BU-102BK-2 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-102BK-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
TEL. 800-955-2629
1625 E. 31st Street
Over 95 Years Of Innovation
TEL. 216-771-5225
Cleveland, Ohio 44114
www.muellerelectric.com
FAX. 216-771-3068
• Insulated Battery Clip
• Has Kelvinized isolated jaws
• Material: Housing: glass-filled nylon; Jaw: copper;
Spring: Music wire, zinc plated
• Length: 6.5”(165mm)
• *Std. Colors: -0 Black -2 Red
Rating: 300 Amps
Part Number:
BU-102BK-*
Description:
Insulated Battery Clip
has Kelvinized isolated jaws
2907


유사한 부품 번호 - BU-102BK-2

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BU-102BK-2 ETC2-BU-102BK-2 Datasheet
138Kb / 1P
   Large Insulated Kelvin Battery Clip
More results

유사한 설명 - BU-102BK-2

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BU-102B-0 ETC2-BU-102B-0 Datasheet
50Kb / 1P
   Insulated Battery Clip
BU-108K-0 ETC2-BU-108K-0 Datasheet
251Kb / 1P
   Insulated Kelvin Battery Clip
BU-102BK ETC2-BU-102BK Datasheet
138Kb / 1P
   Large Insulated Kelvin Battery Clip
logo
Pomona Electronics
5912B POMONA-5912B Datasheet
51Kb / 1P
   Maxigrabber Test Clip Set With Jaws
logo
List of Unclassifed Man...
12BH003-GR ETC2-12BH003-GR Datasheet
158Kb / 1P
   Battery Clip
logo
Adam Technologies, Inc.
BH-43 ADAM-TECH-BH-43 Datasheet
56Kb / 1P
   BATTERY CLIP
logo
List of Unclassifed Man...
BU-112-0 ETC2-BU-112-0 Datasheet
285Kb / 1P
   Insulated Mini Clip
BU-63-0 ETC2-BU-63-0 Datasheet
83Kb / 1P
   Insulated Alligator Clip
BU-102W-0 ETC2-BU-102W-0 Datasheet
51Kb / 2P
   Insulated Welding Clip
12BH980-GR ETC2-12BH980-GR Datasheet
169Kb / 1P
   9V Battery Clip
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com