전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLW31S 데이터시트(PDF) 4 Page - Murata Manufacturing Co., Ltd.

부품명 DLW31S
상세설명  On-Board Type EMI Suppression Filters (EMIFILr) for Automotive
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLW31S 데이터시트(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  DLW31S Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DLW31S Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DLW31S Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DLW31S Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DLW31S Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DLW31S Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DLW31S Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DLW31S Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DLW31S Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 93 page
background image
Product Guide/Effective Frequency Range
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
BLM18A
BLM21A
BLM31A
BLM15B
BLM18B
BLM21B
BLM18P
BLM21P
BLM31P
BLM41P
0603
0805
1206
0402
0603
0805
0603
0805
1206
1806
1.6
0.8
2.0
1.25
3.2
1.6
1.6
0.8
2.0
1.25
1.6
0.8
2.0
1.25
3.2
1.6
4.5
1.6
BLM15A
0402
1.0
0.5
1.0
0.5
Product Guide
Type
Standard
For High
Speed Signals
For High
Current
Inductor
Type
Series
Dimensions
(mm)
EIA Code
10kHz 100kHz 1MHz 10MHz100MHz 1GHz 10GHz
Effective Frequency Range
NFM21H
NFE61H
0805
2706
6.8
1.6
1.25
2.0
Standard
Type
T Filter for
High Current
Capacitor
Type
BLM18HG
BLM18HD
0603
0603
1.6
0.8
1.6
0.8
For GHz
Range
Noise
Suppression
DLW31S
BNX024H/025H
BNX012H
1206
3.2
1.6
DLW43S
1812
Chip Common Mode
Choke Coils
Block Type EMIFILr
BLM18EG
0603
1.6
0.8
4.5
3.2
2
C50E.pdf
Aug.28,2008


유사한 부품 번호 - DLW31S

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
DLW31S MURATA-DLW31S Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
DLW31SH222SQ2 MURATA-DLW31SH222SQ2 Datasheet
198Kb / 3P
   Operating Temperature Range
logo
Murata Manufacturing Co...
DLW31SH222SQ2 MURATA1-DLW31SH222SQ2 Datasheet
276Kb / 3P
   DLW31S series is a high performance wound type chip common mode choke coil.
Last updated07/26/2022
DLW31SH222SQ2B MURATA1-DLW31SH222SQ2B Datasheet
276Kb / 3P
   DLW31S series is a high performance wound type chip common mode choke coil.
Last updated07/26/2022
logo
Murata Manufacturing Co...
DLW31SH222SQ2L MURATA-DLW31SH222SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
More results

유사한 설명 - DLW31S

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
BLM31PG330SN1 MURATA-BLM31PG330SN1 Datasheet
290Kb / 18P
   On-Board Type (DC) EMI Suppression Filters
logo
List of Unclassifed Man...
BL01RN ETC1-BL01RN Datasheet
2Mb / 163P
   On-Board Type (DC) EMI Suppression Filters
logo
Murata Manufacturing Co...
DSN9 MURATA-DSN9 Datasheet
357Kb / 3P
   On-Board Type (DC) EMI Suppression Filters
NFM18C MURATA-NFM18C Datasheet
79Kb / 4P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFL18ST MURATA-NFL18ST Datasheet
63Kb / 3P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFE61HT102F2A9L MURATA-NFE61HT102F2A9L Datasheet
62Kb / 2P
   For Automotive EMIFILr (Capacitor type) for Automotive
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com